Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845B Datasheet(PDF) 1 Page - Analog Devices

Part # AD9845B
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845B Datasheet(HTML) 1 Page - Analog Devices

  AD9845B Datasheet HTML 1Page - Analog Devices AD9845B Datasheet HTML 2Page - Analog Devices AD9845B Datasheet HTML 3Page - Analog Devices AD9845B Datasheet HTML 4Page - Analog Devices AD9845B Datasheet HTML 5Page - Analog Devices AD9845B Datasheet HTML 6Page - Analog Devices AD9845B Datasheet HTML 7Page - Analog Devices AD9845B Datasheet HTML 8Page - Analog Devices AD9845B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9845B
Complete 12-Bit 30 MSPS
CCD Signal Processor
FEATURES
Pin Compatible with AD9845A Designs
12-Bit 30 MSPS A/D Converter
30 MSPS Correlated Double Sampler (CDS)
4 dB
6 dB 6-Bit Pixel Gain Amplifier (
PxGA®)
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Clamp Circuits
Preblanking Function
Auxiliary Inputs with VGA and Input Clamp
3-Wire Serial Digital Interface
3 V Single-Supply Operation
Low Power: 153 mW @ 3 V Supply
Space-Saving 48-Lead LQFP Package
APPLICATIONS
High Performance Digital Still Cameras
Industrial/Scientific Imaging
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
2:1
MUX
DOUT
AUX2IN
CLPDM
CCDIN
AUX1IN
INTERNAL
TIMING
2dB~36dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
8
DIGITAL
INTERFACE
SDATA
SCK
SL
CDS
VGA
BUF
2:1
MUX
CLP
AD9845B
CLP
ADC
COLOR
STEERING
HD
VD
PxGA
6
BAND GAP
REFERENCE
VRT
VRB
CLP
12
BLK CLAMP
LEVEL
CONTROL
REGISTERS
CLPOB
PBLK
4dB
6dB
GENERAL DESCRIPTION
The AD9845B is an improved version of the AD9845A CCD
signal processor. It features a 30 MHz single-channel architec-
ture designed to sample and condition the outputs of interlaced
and progressive scan area CCD arrays. The AD9845B’s signal
chain consists of an input clamp, a correlated double sampler
(CDS), PxGA, a digitally controlled VGA, a black level clamp,
and a 12-bit A/D converter. Additional input modes are also
provided for processing analog video signals.
The internal registers are programmed through a 3-wire
serial digital interface. Programmable features include gain
adjustment, black level adjustment, input configuration, and
power-down modes.
The AD9845B operates from a single 3 V power supply, typi-
cally dissipates 153 mW, and is packaged in a 48-lead LQFP.


Similar Part No. - AD9845B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9845B AD-AD9845B Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJST AD-AD9845BJST Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJST AD-AD9845BJST Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results

Similar Description - AD9845B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9845A AD-AD9845A Datasheet
252Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9824KCPZ AD-AD9824KCPZ Datasheet
387Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com