Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4210 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4210
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4210 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4210 Datasheet HTML 6Page - Analog Devices ADF4210 Datasheet HTML 7Page - Analog Devices ADF4210 Datasheet HTML 8Page - Analog Devices ADF4210 Datasheet HTML 9Page - Analog Devices ADF4210 Datasheet HTML 10Page - Analog Devices ADF4210 Datasheet HTML 11Page - Analog Devices ADF4210 Datasheet HTML 12Page - Analog Devices ADF4210 Datasheet HTML 13Page - Analog Devices ADF4210 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–10–
PHASE FREQUENCY DETECTOR (PFD) AND CHARGE
PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 5 is a simplified schematic.
The PFD includes a fixed-delay element that sets the width of
the antibacklash pulse. This is typically 3 ns. This pulse ensures
that there is no deadzone in the PFD transfer function and gives
a consistent reference spur level.
DELAY
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HI
HI
U1
R DIVIDER
N DIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 5. RF/IF PFD Simplified Schematic and Timing
(In Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF421x family allows the
user to access various internal points on the chip. The state of
MUXOUT is controlled by P3, P4, P11, and P12. See Tables
III and V. Figure 6 shows the MUXOUT section in block dia-
gram form.
DVDD
MUXOUT
DGND
IF ANALOG LOCK DETECT
IF R COUNTER OUTPUT
IF N COUNTER OUTPUT
IF/RF ANALOG LOCK DETECT
RF R COUNTER OUTPUT
RF N COUNTER OUTPUT
RF ANALOG LOCK DETECT
CONTROL
MUX
DIGITAL LOCK DETECT
Figure 6. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect:
Digital Lock Detect and Analog Lock Detect. Digital Lock
Detect is active high. It is set high when the phase error on three
consecutive Phase Detector cycles is less than 15 ns. It will stay
set high until a phase error of greater than 25 ns is detected on
any subsequent PD cycle. The N-channel open-drain analog
lock detect should be operated with an external pull-up resistor
of 10 k
Ω nominal. When lock has been detected, it is high with
narrow low-going pulses.
RF/IF INPUT SHIFT REGISTER
The ADF421x family digital section includes a 24-bit input shift
register, a 14-bit IF R counter and a 18-bit IF N counter, com-
prising a 6-bit IF A counter and a 12-bit IF B counter. Also
present is a 14-bit RF R counter and an 18-bit RF N counter,
comprising a 6-bit RF A counter and a 12-bit RF B counter.
Data is clocked into the 24-bit shift register on each rising edge
of CLK. The data is clocked in MSB first. Data is transferred
from the shift register to one of four latches on the rising edge of
LE. The destination latch is determined by the state of the two
control bits (C2, C1) in the shift register. These are the two LSBs
DB1, DB0 as shown in the timing diagram of Figure 1. The
truth table for these bits is shown in Table VI. Table I shows a
summary of how the latches are programmed.
Table I. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
IF R Counter
0
1
IF AB Counter (A and B)
1
0
RF R Counter
1
1
RF AB Counter (A and B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com