Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4210 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4210
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4210 Datasheet(HTML) 3 Page - Analog Devices

  ADF4210 Datasheet HTML 1Page - Analog Devices ADF4210 Datasheet HTML 2Page - Analog Devices ADF4210 Datasheet HTML 3Page - Analog Devices ADF4210 Datasheet HTML 4Page - Analog Devices ADF4210 Datasheet HTML 5Page - Analog Devices ADF4210 Datasheet HTML 6Page - Analog Devices ADF4210 Datasheet HTML 7Page - Analog Devices ADF4210 Datasheet HTML 8Page - Analog Devices ADF4210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
–3–
ADF4210/ADF4211/ADF4212/ADF4213
Parameter
B Version B Chips
2
Unit
Test Conditions/Comments
POWER SUPPLIES
VDD1
2.7/5.5
2.7/5.5
V min/V max
VDD2VDD1VDD1
VP
VDD1/6.0
VDD1/6.0
V min/V max
VDD1, VDD2
VDD1, VDD2
6.0 V
IDD (RF + IF)
6
ADF4210
11.5
11.5
mA max
9.0 mA typical
ADF4211
15.0
15.0
mA max
11.0 mA typical
ADF4212
17.5
17.5
mA max
13.0 mA typical
ADF4213
20
20
mA max
15 mA typical
IDD (RF Only)
ADF4210
6.75
6.75
mA max
5.0 mA typical
ADF4211
10
10
mA max
7.0 mA typical
ADF4212
12.5
12.5
mA max
9.0 mA typical
ADF4213
15
15
mA max
11 mA typical
IDD (IF Only)
ADF4210
5.5
5.5
mA max
4.5 mA typical
ADF4211
5.5
5.5
mA max
4.5 mA typical
ADF4212
5.5
5.5
mA max
4.5 mA typical
ADF4213
5.5
5.5
mA max
4.5 mA typical
IP (IP1 + IP2)
1.0
1.0
mA max
TA = 25
°C, 0.55 mA typical
Low-Power Sleep Mode
1
1
µA typ
NOISE CHARACTERISTICS
ADF4213 Phase Noise Floor
7
–171
–171
dBc/Hz typ
@ 25 kHz PFD Frequency
–164
–164
dBc/Hz typ
@ 200 kHz PFD Frequency
Phase Noise Performance
8
@ VCO Output
ADF4210/ADF4211, IF: 540 MHz Output
9
–91
–91
dBc/Hz typ
@ 1 kHz Offset and 200 kHz PFD Frequency
ADF4212/ADF4213, IF: 900 MHz Output
10
–89
–89
dBc/Hz typ
See Note 11
ADF4210/ADF4211, RF: 900 MHz Output
10
–89
–89
dBc/Hz typ
See Note 11
ADF4212/ADF4213, RF: 900 MHz Output
10
–91
–91
dBc/Hz typ
See Note 11
ADF4211/ADF4212, RF: 1750 MHz Output
12
–85
–85
dBc/Hz typ
See Note 11
ADF4211/ADF4212, RF: 1750 MHz Output
13
–67
–67
dBc/Hz typ
@ 200 Hz Offset and 10 kHz PFD Frequency
ADF4212/ADF4213, RF: 2400 MHz Output
14
–88
–88
dBc/Hz typ
@ 1 kHz Offset and 1 MHz PFD Frequency
Spurious Signals
ADF4210/ADF4211, IF: 540 MHz Output
9
–88/–90
–88/–90
dB typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
ADF4212/ADF4213, IF: 900 MHz Output
10
–90/–94
–90/–94
dB typ
See Note 11
ADF4210/ADF4211, RF: 900 MHz Output
10
–90/–94
–90/–94
dB typ
See Note 11
ADF4212/ADF4213, RF: 900 MHz Output
10
–90/–94
–90/–94
dB typ
See Note 11
ADF4211/ADF4212, RF: 1750 MHz Output
12
–80/–82
–80/–82
dB typ
See Note 11
ADF4211/ADF4212, RF: 1750 MHz Output
13
–65/–70
–65/–70
dB typ
@ 10 kHz/20 kHz and 10 kHz PFD Frequency
ADF4212/ADF4213, RF: 2400 MHz Output
14
–80/–82
–80/–82
dB typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C.
2The B Chip specifications are given as typical values.
3This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the IF/RF input is divided down to a frequency that is
less than this value.
4V
DD1 = VDD2 = 3 V; For VDD1 = VDD2 = 5 V, use CMOS-compatible levels, TA = 25
°C.
5Guaranteed by design. Sample tested to ensure compliance.
6V
DD = 3 V; P = 16; RFIN = 900 MHz; IFIN = 540 MHz, TA = 25
°C.
7The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 logN (where N is the N divider value). See
TPC 16.
8The phase noise is measured with the EVAL-ADF4210/ADF4212/ADF4213EB Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the
REFIN for the synthesizer (fREFOUT = 10 MHz @ 0 dBm).
9f
REFIN = 10 MHz; fPFD = 200 kHz; Offset frequency = 1 kHz; fIF = 540 MHz; N = 2700; Loop B/W = 20 kHz.
10f
REFIN = 10 MHz; fPFD = 200 kHz; Offset frequency = 1 kHz; fRF = 900 MHz; N = 4500; Loop B/W = 20 kHz.
11Same conditions as listed in Note 10.
12f
REFIN = 10 MHz; fPFD = 200 kHz; Offset frequency = 1 kHz; fRF = 1750 MHz; N = 8750; Loop B/W = 20 kHz.
13f
REFIN = 10 MHz; fPFD = 10 kHz; Offset frequency = 200 Hz; fRF = 1750 MHz; N = 175000; Loop B/W = 1 kHz.
14f
REFIN = 10 MHz; fPFD = 1 MHz; Offset frequency = 1 kHz; fRF = 1960 MHz; N = 9800; Loop B/W = 20 kHz.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com