Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4213 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4213
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4213 Datasheet(HTML) 1 Page - Analog Devices

  ADF4213 Datasheet HTML 1Page - Analog Devices ADF4213 Datasheet HTML 2Page - Analog Devices ADF4213 Datasheet HTML 3Page - Analog Devices ADF4213 Datasheet HTML 4Page - Analog Devices ADF4213 Datasheet HTML 5Page - Analog Devices ADF4213 Datasheet HTML 6Page - Analog Devices ADF4213 Datasheet HTML 7Page - Analog Devices ADF4213 Datasheet HTML 8Page - Analog Devices ADF4213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADF4210/ADF4211/ADF4212/ADF4213
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual RF/IF PLL Frequency Synthesizers
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
CLOCK
DATA
LE
24-BIT
DATA
REGISTER
IF
LOCK
DETECT
MUXOUT
ADF4210/ADF4211/
ADF4212/ADF4213
CPRF
CPIF
PHASE
COMPARATOR
OUTPUT
MUX
14-BIT IF
R-COUNTER
REFIN
RF
PRESCALER
RFIN
PHASE
COMPARATOR
14-BIT RF
R-COUNTER
12-BIT RF
B-COUNTER
6-BIT RF
A-COUNTER
VDD1VDD2VP1VP2
AGNDRF
DGNDRF
DGNDIF
AGNDIF
RF
LOCK
DETECT
SDOUT
DGNDIF
IF
PRESCALER
IFIN
8-BIT IF
A-COUNTER
CHARGE
PUMP
IF CURRENT
SETTING
REFERENCE
RFCP3 RFCP2 RFCP1
RSET
FLO SWITCH
FLO
IF CURRENT
SETTING
IFCP3 IFCP2 IFCP1
REFERENCE
CHARGE
PUMP
RSET
12-BIT IF
B-COUNTER
FEATURES
ADF4210: 550 MHz/1.2 GHz
ADF4211: 550 MHz/2.0 GHz
ADF4212: 1.0 GHz/2.7 GHz
ADF4213: 1.0 GHz/3 GHz
2.7 V to 5.5 V Power Supply
Separate Charge Pump Supply (VP) Allows Extended
Tuning Voltage in 3 V Systems
Programmable Dual Modulus Prescaler
RF and IF: 8/9, 16/17, 32/33, 64/65
Programmable Charge Pump Currents
3-Wire Serial Interface
Analog and Digital Lock Detect
Fastlock Mode
Power-Down Mode
APPLICATIONS
Base Stations for Wireless Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANS
Communications Test Equipment
CATV Equipment
GENERAL DESCRIPTION
The ADF4210/ADF4211/ADF4212/ADF4213 is a dual frequency
synthesizer that can be used to implement local oscillators (LO)
in the upconversion and downconversion sections of wireless
receivers and transmitters. They can provide the LO for both
the RF and IF sections. They consist of a low-noise digital PFD
(Phase Frequency Detector), a precision charge pump, a pro-
grammable reference divider, programmable A and B Counters
and a dual-modulus prescaler (P/P + 1). The A (6-bit) and B
(12-bit) counters, in conjunction with the dual modulus prescaler
(P/P + 1), implement an N divider (N = BP + A). In addition,
the 14-bit reference counter (R Counter), allows selectable
REFIN frequencies at the PFD input. A complete PLL (Phase-
Locked Loop) can be implemented if the synthesizer is used with
an external loop filter and VCO (Voltage Controlled Oscillators).
Control of all the on-chip registers is via a simple 3-wire interface.
The devices operate with a power supply ranging from 2.7 V to
5 V and can be powered down when not in use.


Similar Part No. - ADF4213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

Similar Description - ADF4213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com