Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4213 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4213
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4213 Datasheet(HTML) 2 Page - Analog Devices

  ADF4213 Datasheet HTML 1Page - Analog Devices ADF4213 Datasheet HTML 2Page - Analog Devices ADF4213 Datasheet HTML 3Page - Analog Devices ADF4213 Datasheet HTML 4Page - Analog Devices ADF4213 Datasheet HTML 5Page - Analog Devices ADF4213 Datasheet HTML 6Page - Analog Devices ADF4213 Datasheet HTML 7Page - Analog Devices ADF4213 Datasheet HTML 8Page - Analog Devices ADF4213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
ADF4210/ADF4211/ADF4212/ADF4213–SPECIFICATIONS1
(VDD1 = VDD2 = 3 V
10%, 5 V
10%; VDD1, VDD2
≤ VP1, VP2 ≤ 6.0 V; AGNDRF = DGNDRF = AGNDIF = DGNDIF = 0 V; RSET = 2.7 k dBm to 50 ;
TA = TMIN to TMAX unless otherwise noted.)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF/IF CHARACTERISTICS (3 V)
RF Input Frequency (RFIN)
See Figure 3 for Input Circuit.
ADF4210
0.1/1.2
0.1/1.2
GHz min/max
Use a square wave for frequencies lower than FMIN.
ADF4211
0.1/2.0
0.1/2.0
GHz min/max
ADF4212
0.15/2.7
0.15/2.7
GHz min/max
ADF4213
0.2/3.0
0.2/3.0
GHz min/max
RF Input Sensitivity
–10/0
–10/0
dBm min/max
IF Input Frequency (IFIN)
ADF4210
60/550
60/550
MHz min/max
ADF4211
60/550
60/550
MHz min/max
ADF4212
0.06/1.0
0.06/1.0
GHz min/max
ADF4213
0.06/1.0
0.06/1.0
GHz min/max
IF Input Sensitivity
–10/0
–10/0
dBm min/max
Maximum Allowable
Prescaler Output Frequency
3
165
165
MHz max
RF/IF CHARACTERISTICS (5 V)
RF Input Frequency (RFIN)
See Figure 3 for Input Circuit.
ADF4210
0.18/1.2
0.18/1.2
GHz min/max
Use a square wave for frequencies lower than FMIN.
ADF4211
0.18/2.0
0.18/2.0
GHz min/max
ADF4212
0.2/2.3
0.2/2.3
GHz min/max
ADF4213
0.2/2.5
0.2/2.5
GHz min/max
RF Input Sensitivity
–5/0
–5/0
dBm min/max
IF Input Frequency (IFIN)
ADF4210
100/550
100/550
MHz min/max
ADF4211
100/550
100/550
MHz min/max
ADF4212
0.1/1.0
0.1/1.0
GHz min/max
ADF4213
0.1/1.0
0.1/1.0
GHz min/max
IF Input Sensitivity
–5/0
–5/0
dBm min/max
Maximum Allowable
Prescaler Output Frequency
3
200
200
MHz max
REFIN CHARACTERISTICS
See Figure 2 for Input Circuit.
REFIN Input Frequency
0/115
0/115
MHz min/max
For F < 5 MHz, use dc-coupled square wave
(0 to VDD ).
REFIN Input Sensitivity
4
–5/0
–5/0
dBm min/max
AC-Coupled. When dc-coupled, 0 to VDD max
(CMOS-Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable: See Table V
High Value
5
5
mA typ
With RSET = 2.7 k
Ω
Low Value
625
625
µA typ
Absolute Accuracy
3
3
% typ
With RSET = 2.7 k
Ω
RSET Range
1.5/5.6
1.5/5.6
k
Ω, min/max
ICP Three-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
2
2
% typ
0.5 V
VCP
VP – 0.5 V
ICP vs. VCP
2
2
% typ
0.5 V
VCP
VP – 0.5 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8
× DV
DD
0.8
× DV
DD
V min
VINL, Input Low Voltage
0.2
× DV
DD
0.2
× DV
DD
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
DVDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com