Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1409 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1409
Description  5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1409 Datasheet(HTML) 1 Page - Analog Devices

  ADG1409 Datasheet HTML 1Page - Analog Devices ADG1409 Datasheet HTML 2Page - Analog Devices ADG1409 Datasheet HTML 3Page - Analog Devices ADG1409 Datasheet HTML 4Page - Analog Devices ADG1409 Datasheet HTML 5Page - Analog Devices ADG1409 Datasheet HTML 6Page - Analog Devices ADG1409 Datasheet HTML 7Page - Analog Devices ADG1409 Datasheet HTML 8Page - Analog Devices ADG1409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5
Ω Μax Ron, 4-/8-Channel
±15V/12V/±5V Multiplexers
Preliminary Technical Data
ADG1408/ADG1409
FEATURES
5
Ω Max On Resistance
0.5
Ω Max On Resistance Flatness
33 V Supply Maximum Ratings
Fully specified at ±15V/12V/±5V
3V Logic Compatible Inputs
Rail-to-Rail Operation
Break-Before-Make Switching Action
16-Lead TSSOP Packages
Typical Power Consumption (< 0.03 µW)
APPLICATIONS
Relay Replacement
Audio and Video Routing
Automatic Test Equipment
Data Acquisition Systems
Battery-Powered Systems
Sample-and-Hold Systems
Communication Systems
FUNCTIONAL BLOCK DIAGRAMS
S1
A0
D
A1
A2
ADG1408
S1A
A0
DA
S4A
S1B
S4B
DB
EN
ADG1409
1 OF 4
DECODER
EN
1 OF 8
DECODER
A1
S8
SWITCHES SHOWN FOR A “1” LOGIC INPUT
GENERAL DESCRIPTION
The ADG1408 and ADG1409 are monolithic CMOS analog
multiplexers comprising eight single channels and four
differential channels, respectively. The ADG1408 switches one
of eight inputs to a common output as determined by the 3-bit
binary address lines A0, A1, and A2. The ADG1409 switches
one of four differential inputs to a common differential output
as determined by the 2-bit binary address lines A0 and A1. An
EN input on both devices is used to enable or disable the device.
When disabled, all channels are switched OFF.
The ADG1408/ADG1409 are designed on an enhanced CMOS
process that provides low power dissipation yet gives high
switching speed and low on resistance. Each channel conducts
equally well in both directions when ON and has an input
signal range that extends to the supplies. In the OFF condition,
signal levels up to the supplies are blocked. All channels exhibit
break-before- make switching action, preventing momentary
shorting when switching channels. Inherent in the design is low
charge injection for minimum transients when switching the
digital inputs.
PRODUCT HIGHLIGHTS
1.
5Ω Max On Resistance
2.
0.5Ω Max On Resistance Flatness
3.
3V Logic Compatible Digital Input
VIH = 2.0V, VIL = 0.8V
4.
16 Lead TSSOP package
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
RevPrA
© 2004


Similar Part No. - ADG1409

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409YCPZ-REEL7 AD-ADG1409YCPZ-REEL7 Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ-REEL AD-ADG1409YRUZ-REEL Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ-REEL7 AD-ADG1409YRUZ-REEL7 Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results

Similar Description - ADG1409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com