Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL03 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLL03
Description  Winnie series
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLL03 Datasheet(HTML) 2 Page - Cree, Inc

  CLL03 Datasheet HTML 1Page - Cree, Inc CLL03 Datasheet HTML 2Page - Cree, Inc CLL03 Datasheet HTML 3Page - Cree, Inc CLL03 Datasheet HTML 4Page - Cree, Inc CLL03 Datasheet HTML 5Page - Cree, Inc CLL03 Datasheet HTML 6Page - Cree, Inc CLL03 Datasheet HTML 7Page - Cree, Inc CLL03 Datasheet HTML 8Page - Cree, Inc CLL03 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
PRODUCT DATASHEET
Winnie series
last update 11/4/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MJT COB LES 14.5
58+32 deg
Oval
86 %
1.100
Bender Wirth: 433 Typ L5
SLE G5 LES11
61+21 deg
Oval
89 %
1.600
-
SLE G6 LES15
sim: 59+28
Oval
sim: 89 % sim: 1.400 Bender Wirth: 433 Typ L5
SLE G6 LES17
sim: 55+27
Oval
sim: 92 % sim: 1.420 Bender Wirth: 433 Typ L5
SLE G6 LES10
sim: 20+60
Oval
sim: 93 % sim: 1.910 Bender Wirth: 434 Typ L5
May 23rd 2017 5:33 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com