Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL03 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLL03
Description  Winnie series
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLL03 Datasheet(HTML) 1 Page - Cree, Inc

  CLL03 Datasheet HTML 1Page - Cree, Inc CLL03 Datasheet HTML 2Page - Cree, Inc CLL03 Datasheet HTML 3Page - Cree, Inc CLL03 Datasheet HTML 4Page - Cree, Inc CLL03 Datasheet HTML 5Page - Cree, Inc CLL03 Datasheet HTML 6Page - Cree, Inc CLL03 Datasheet HTML 7Page - Cree, Inc CLL03 Datasheet HTML 8Page - Cree, Inc CLL03 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
PRODUCT DATASHEET
Winnie series
last update 11/4/2017
DETAILS
Product Number
CN14811_WINNIE-O
Family
Winnie
Type
Pack
Color
clear
Diameter
49,8 mm
Height
19,3 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
11/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V8 Gen6
65+21 deg
Oval
89 %
1.600
-
V13 Gen6
62+27 deg
Oval
88 %
1.300
-
V15 Gen6
59+31 deg
Oval
89 %
1.200
-
V18 Gen6
57+35 deg
Oval
89 %
1.100
-
CLL02x/CLU02x (LES10)
63+22 deg
Oval
90 %
1.600
Bender Wirth: 434 Typ L5
CLU700/701
64+18 deg
Oval
91 %
1.800
-
CLU710/711
63+20 deg
Oval
91 %
1.700
Bender Wirth: 470 Typ L5
CLL03x/CLU03x
59+29 deg
Oval
90 %
1.200
Bender Wirth: 433 Typ L5
CLU720/721
61+23 deg
Oval
90 %
1.500
Bender Wirth: 433 Typ L5
CXA/B 25xx
57+37 deg
Oval
89 %
1.000
-
CXA/B 13xx
66+20 deg
Oval
90 %
1.700
-
CXA/B 15xx
65+23 deg
Oval
89 %
1.500
-
LUXEON CoB 1202s
65+19 deg
Oval
90 %
1800.000
-
LUXEON CoB 1202/1203
64+23 deg
Oval
89 %
1.500
-
LUXEON CoB Compact
65+20 deg
Oval
88 %
1.600
-
Soleriq P13
61+28 deg
Oval
90 %
1.300
-
Soleriq P9
64+22 deg
Oval
89 %
1.600
-
Soleriq P6
65+19 deg
Oval
89 %
1.800
-
Soleriq S9
sim: 61+24
Oval
sim: 88 % sim: 1.600 -
LC010C
sim: 56+16
Oval
sim: 92 % sim: 2.200 Bender Wirth: 479 Typ L5
LC020C
sim: 60+18
Oval
sim: 89 % sim: 1.900 Bender Wirth: 479 Typ L5
LC040C
sim: 60+24
Oval
sim: 87 % sim: 1.500 Bender Wirth: 479 Typ L5
COB D Series LES 9.8 mm
63+23 deg
Oval
87 %
1.500
-
COB D Series LES 14.5 mm
59+31 deg
Oval
85 %
1.150
-
MJT COB LES 9.8
62+23 deg
Oval
89 %
1.500
Bender Wirth: 434 Typ L5
May 23rd 2017 5:33 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CLL03

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL030-1205A5-273H1A7 CITIZEN-CLL030-1205A5-273H1A7 Datasheet
673Kb / 12P
Applied to the LED package
CLL030-1206A5-273H1A7 CITIZEN-CLL030-1206A5-273H1A7 Datasheet
650Kb / 12P
Applied to the LED package
CLL030-1208A5-273H1A7 CITIZEN-CLL030-1208A5-273H1A7 Datasheet
673Kb / 12P
Applied to the LED package
CLL030-1212A5-273H1A7 CITIZEN-CLL030-1212A5-273H1A7 Datasheet
674Kb / 12P
Applied to the LED package
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
This data sheet is applied to the LED package
More results

Similar Description - CLL03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CN14236 CREE-CN14236 Datasheet
4Mb / 89P
Winnie series
CN14237 CREE-CN14237 Datasheet
3Mb / 76P
Winnie series
CN14238 CREE-CN14238 Datasheet
3Mb / 72P
Winnie series
logo
Ledil, Inc.
CN15822 LEDIL-CN15822 Datasheet
1Mb / 25P
Winnie Assembly
CN15824 LEDIL-CN15824 Datasheet
1Mb / 25P
Winnie Assembly
CN15825 LEDIL-CN15825 Datasheet
1Mb / 27P
Winnie Assembly
CN15826 LEDIL-CN15826 Datasheet
1Mb / 25P
Winnie Assembly
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com