Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC010C Datasheet(PDF) 2 Page - Cree, Inc

Part # LC010C
Description  Saga series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC010C Datasheet(HTML) 2 Page - Cree, Inc

  LC010C Datasheet HTML 1Page - Cree, Inc LC010C Datasheet HTML 2Page - Cree, Inc LC010C Datasheet HTML 3Page - Cree, Inc LC010C Datasheet HTML 4Page - Cree, Inc LC010C Datasheet HTML 5Page - Cree, Inc LC010C Datasheet HTML 6Page - Cree, Inc LC010C Datasheet HTML 7Page - Cree, Inc LC010C Datasheet HTML 8Page - Cree, Inc LC010C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
19,69 g
SHEET
1/1
SIZE
A4
DRAWING TITLE
FCN14933_SAGA-S-WHT
PART NUMBER
SAGA-S-WHT
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
F14908
SAGA-S
Optical
grade LSR
clear
2
C13591
SAGA-FRAME-WHT
HRPC
white
3. 2
A
A
Isometric view
Scale:
1:1
5 0
13. 9
The final IP-rating is dependant of the whole
luminaire design and some solutions may need
additional potting or covering elements in order
to achieve desired level of protection. To
achieve fully sealed protection LEDiL recommends
to fasten SAGA holder directly on the heatsink.
NOTES:
Maximum recommended tightening
torque for SAGA-FRAME is 0,4Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com