Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC010C Datasheet(PDF) 1 Page - Cree, Inc

Part # LC010C
Description  Saga series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC010C Datasheet(HTML) 1 Page - Cree, Inc

  LC010C Datasheet HTML 1Page - Cree, Inc LC010C Datasheet HTML 2Page - Cree, Inc LC010C Datasheet HTML 3Page - Cree, Inc LC010C Datasheet HTML 4Page - Cree, Inc LC010C Datasheet HTML 5Page - Cree, Inc LC010C Datasheet HTML 6Page - Cree, Inc LC010C Datasheet HTML 7Page - Cree, Inc LC010C Datasheet HTML 8Page - Cree, Inc LC010C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT DATASHEET
Saga series
last update 1/12/2016
DETAILS
Product Number
FCA14933_SAGA-S-WHT
Family
Saga
Type
Pack
Color
white
Diameter
50 mm
Height
13,7 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
screw
Status
sample approved
ROHS Comliant
Yes
Date Updated
1/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 15xx
26 deg
Spot
94 %
2.700
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 34 deg
Spot
94 %
1.650
-
CXA/B 13xx
sim: 15
Spot
sim: 94 % sim: 7.100 -
LC010C
sim: 30
Spot
sim: 91 % sim: 3.400 Bender Wirth: 479 Typ L6
LC020C
sim: 36
Spot
sim: 88 % sim: 2.200 Bender Wirth: 479 Typ L6
LC040C
sim: 44
Spot
sim: 87 % sim: 1.400 Bender Wirth: 480 Typ L6
May 23rd 2017 5:31 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - LC010C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010C MACOM-LC010C Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010C GE-LC010C Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010C LINEAGEPOWER-LC010C Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC010C LINEAGEPOWER-LC010C Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010CL MACOM-LC010CL Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Similar Description - LC010C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CN13990 CREE-CN13990 Datasheet
4Mb / 75P
Saga series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com