Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D Datasheet(PDF) 4 Page - International Rectifier

Part # AMF2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D Datasheet(HTML) 4 Page - International Rectifier

  AMF2805D Datasheet HTML 1Page - International Rectifier AMF2805D Datasheet HTML 2Page - International Rectifier AMF2805D Datasheet HTML 3Page - International Rectifier AMF2805D Datasheet HTML 4Page - International Rectifier AMF2805D Datasheet HTML 5Page - International Rectifier AMF2805D Datasheet HTML 6Page - International Rectifier AMF2805D Datasheet HTML 7Page - International Rectifier AMF2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMF28XXD SERIES
(28V Input, Dual Output)
4
2016-06-22
Notes to Specifications
1. Applicable to positive and negative outputs..
2. Maximum combined output is 12 watts. 10.8 watts (max.) is available from either output (90%).
3. Load current split equally between +VOUT and –VOUT.
4. 1.2 watt load on output under test, 1.2 watt to 10.8 watt load change on other output.
5. Capacitive value may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in
excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
6. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be
guaranteed to the limit specified.
7. Load step transition time between 2.0µs and 10µs.
8. Recovery time is measured from initiation of the transient to where VOUT has returned to within ±1% of VOUT at 50% load.
9. Input step transient time between 1.0µs and 10µs.
10 Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin while power is applied to the input.
Dynamic Characteristics
-55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL = 0, unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Short Circuit Recovery 6
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
0% load to 100% load
25
25
25
ms
Switching Frequency 3
4, 5, 6
100% load
500
550
600
kHz
Output Response To Step Transient
Load Changes 3, 7
4, 5, 6
4, 5, 6
Load step 50%
100%
Load step 0%
50%
-200
-800
+200
+800
mVpk
Recovery Time, Step Transient Load
Changes 3, 7, 8
4, 5, 6
4, 5, 6
Load step 50%
100%
Load step 0%
 50%
70
2000
s
Output Response Transient Step
Line Changes 3, 6, 9
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16
 40VDC,
100% load
-450
-750
-750
+450
+750
+750
mVpk
Recovery Time Transient Step Line
Changes 3, 6, 9
4, 5, 6
Input step 16
 40VDC,
100% load
1200
s
Turn On Overshoot 3, 10
All
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
0% load
100% load
600
400
300
300
mVpk
Turn On Delay 3, 10
4, 5, 6
0% load to 100% load
25
ms
Synchronization Input 3
Frequency Range
Pulse Amplitude, Hi 6
Pulse Amplitude, Lo 6
Pulse Rise Time 6
Pulse Duty Cycle 6
4, 5, 6
500
2.5
-0.5
20
700
10
0.8
100
80
kHz
V
V
ns
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com