Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D Datasheet(PDF) 1 Page - International Rectifier

Part # AMF2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D Datasheet(HTML) 1 Page - International Rectifier

  AMF2805D Datasheet HTML 1Page - International Rectifier AMF2805D Datasheet HTML 2Page - International Rectifier AMF2805D Datasheet HTML 3Page - International Rectifier AMF2805D Datasheet HTML 4Page - International Rectifier AMF2805D Datasheet HTML 5Page - International Rectifier AMF2805D Datasheet HTML 6Page - International Rectifier AMF2805D Datasheet HTML 7Page - International Rectifier AMF2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
 12 Watts Output Power
 Available in ± 5, ±12 and ±15 Volt Outputs
 16- 40 VDC Input Range (28 VDC Nominal)
 Low Input/Output Noise
 Total Ionizing Dose > 25 kRads(Si)
 SEE Hardened to LET up to 60 MeV·cm2/mg
 -55°C to +125°C Operating Range
 Indefinite Short Circuit Protection
 Flexible Mounting
 High Power Density
 Fully Isolated - Input to Output and to Case
 Complimentary EMI Filter Available
 Externally Synchronizable
 Electrical Performance Similar to AHF28XXD Series
 Standard Microcircuit Drawings Available
 
HYBRID-HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
AMF
AMF28XXD SERIES
Description
The AMF28XXD Series of DC-DC converter modules has
been specifically designed for operation in moderate radiation
environments supplementing the higher radiation performance
available in the IR HiRel ART2815T converter series. Environments
presented to space vehicles operating in low earth orbits,
launch boosters, orbiting space stations and similar applications
requiring a low power, high performance converter with moderate
radiation hardness performance will be optimally served by
the AMF28XXD Series.
The physical configuration of the AMF28XXD Series permits
mounting directly to a heat conduction surface without the necessity
of signal leads penetrating the heat sink surface. This pack-
age configuration permits greater independence in mounting
and more mechanical security than traditional packages. IR
HiRel rugged ceramic seal pins are used exclusively in the
package thereby assuring long term hermeticity.
The AMF28XXD has been designed for high density using
chip and wire hybrid technology that complies with the
class H requirements of MIL-PRF-38534. Manufactured in
a facility fully qualified to MIL-PRF-38534, these converters
are fabricated utilizing DLA qualified processes. For available
screening options, refer to device screening table in the
data sheet. Applicable generic lot qualification test data
including radiation performance can be made available on
request. Variations to the standard screening can be
accommodated. Consult IR HiRel San Jose for special
requirements.
1
2016-06-22
PD-94688E
28V Input, Dual Output


Similar Part No. - AMF2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2805D IRF-AMF2805D Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D IRF-AMF2805D Datasheet
79Kb / 7P
ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D IRF-AMF2805D Datasheet
130Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMF2805D-EM IRF-AMF2805D-EM Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D/CH IRF-AMF2805D/CH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - AMF2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2812S IRF-AMA2812S Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com