Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3057 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3057
Description  Enhanced Serial Interface CODEC/Filter COMBO Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3057 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP3057 Datasheet HTML 6Page - National Semiconductor (TI) TP3057 Datasheet HTML 7Page - National Semiconductor (TI) TP3057 Datasheet HTML 8Page - National Semiconductor (TI) TP3057 Datasheet HTML 9Page - National Semiconductor (TI) TP3057 Datasheet HTML 10Page - National Semiconductor (TI) TP3057 Datasheet HTML 11Page - National Semiconductor (TI) TP3057 Datasheet HTML 12Page - National Semiconductor (TI) TP3057 Datasheet HTML 13Page - National Semiconductor (TI) TP3057 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Transmission Characteristics (Continued) Unless otherwise noted limits printed in BOLD characters are
guaranteed for VCC e 50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e
25 C All other limits are assured by correlation with other production tests andor product design and characterization GNDA
e
0V f e 102 kHz VIN e 0 dBm0 transmit input amplifier connected for unity gain non-inverting Typicals specified at VCC e
50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ENVELOPE DELAY DISTORTION WITH FREQUENCY
DXA
Transmit Delay Absolute
fe1600 Hz
290
315
m
s
DXR
Transmit Delay Relative to DXA
fe500 Hz – 600 Hz
195
220
m
s
fe600 Hz – 800 Hz
120
145
m
s
fe800 Hz – 1000 Hz
50
75
m
s
fe1000 Hz – 1600 Hz
20
40
m
s
fe1600 Hz – 2600 Hz
55
75
m
s
fe2600 Hz – 2800 Hz
80
105
m
s
fe2800 Hz – 3000 Hz
130
155
m
s
DRA
Receive Delay Absolute
fe1600 Hz
180
200
m
s
DRR
Receive Delay Relative to DRA
fe500 Hz – 1000 Hz
b
40
b
25
m
s
fe1000 Hz – 1600 Hz
b
30
b
20
m
s
fe1600 Hz – 2600 Hz
70
90
m
s
fe2600 Hz – 2800 Hz
100
125
m
s
fe2800 Hz – 3000 Hz
145
175
m
s
NOISE
NXC
Transmit Noise C Message
TP3054
12
15
dBrnC0
Weighted
NXP
Transmit Noise P Message
TP3057
b
74
b
67
dBm0p
Weighted
NRC
Receive Noise C Message
PCM Code is Alternating Positive
Weighted
and Negative Zero
TP3054
8
11
dBrnC0
NRP
Receive Noise P Message
PCM Code Equals Positive
Weighted
Zero
TP3057
b
82
b
79
dBm0p
NRS
Noise Single Frequency
fe0 kHz to 100 kHz Loop Around
b
53
dBm0
Measurement VFXIa e0 Vrms
PPSRX
Positive Power Supply Rejection
VFXIa eb50 dBm0
Transmit
VCCe50 VDCa100 mVrms
fe0 kHz – 50 kHz (Note 2)
40
dBC
NPSRX
Negative Power Supply Rejection
VFXIa eb50 dBm0
Transmit
VBBeb50 VDCa100 mVrms
fe0 kHz – 50 kHz (Note 2)
40
dBC
PPSRR
Positive Power Supply Rejection
PCM Code Equals Positive Zero
Receive
VCCe50 VDCa100 mVrms
Measure VFR0
fe0 Hz – 4000 Hz
40
dBC
fe4 kHz – 25 kHz
40
dB
fe25 kHz – 50 kHz
36
dB
NPSRR
Negative Power Supply Rejection
PCM Code Equals Positive Zero
Receive
VBBeb50 VDCa100 mVrms
Measure VFR0
fe0 Hz – 4000 Hz
40
dBC
fe4 kHz – 25 kHz
40
dB
fe25 kHz – 50 kHz
36
dB
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com