Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3057 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3057
Description  Enhanced Serial Interface CODEC/Filter COMBO Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3057 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TP3057 Datasheet HTML 7Page - National Semiconductor (TI) TP3057 Datasheet HTML 8Page - National Semiconductor (TI) TP3057 Datasheet HTML 9Page - National Semiconductor (TI) TP3057 Datasheet HTML 10Page - National Semiconductor (TI) TP3057 Datasheet HTML 11Page - National Semiconductor (TI) TP3057 Datasheet HTML 12Page - National Semiconductor (TI) TP3057 Datasheet HTML 13Page - National Semiconductor (TI) TP3057 Datasheet HTML 14Page - National Semiconductor (TI) TP3057 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Transmission Characteristics (Continued) Unless otherwise noted limits printed in BOLD characters are
guaranteed for VCC e 50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e
25 C All other limits are assured by correlation with other production tests andor product design and characterization GNDA
e
0V f e 102 kHz VIN e 0 dBm0 transmit input amplifier connected for unity gain non-inverting Typicals specified at VCC e
50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SOS
Spurious Out-of-Band Signals
Loop Around Measurement 0 dBm0
b
30
dB
at the Channel Output
300 Hz to 3400 Hz Input PCM Code Applied
at DR
4600 Hz – 7600 Hz
b
30
dB
7600 Hz – 8400 Hz
b
40
dB
8400 Hz – 100000 Hz
b
30
dB
DISTORTION
STDX
Signal to Total Distortion
Sinusoidal Test Method (Note 3)
STDR
Transmit or Receive
e
30 dBm0
Level
33
dBC
Half-Channel
e
0 dBm0 to b30 dBm0
36
dBC
XMT
eb
40 dBm0
29
dBC
RCV
30
dBC
XMT
eb
55 dBm0
14
dBC
RCV
15
dBC
SFDX
Single Frequency Distortion
b
46
dB
Transmit
SFDR
Single Frequency Distortion
b
46
dB
Receive
IMD
Intermodulation Distortion
Loop Around Measurement
b
41
dB
VFXa eb4 dBm0 to b21 dBm0 Two
Frequencies in the Range
300 Hz – 3400 Hz
CROSSTALK
CTX-R
Transmit to Receive Crosstalk
fe300 Hz – 3400 Hz
0 dBm0 Transmit Level
DReQuiet PCM Code
b
90
b
75
dB
CTR-X
Receive to Transmit Crosstalk
fe300 Hz – 3400 Hz VFXIeMultitone
b
90
b
70
dB
0 dBm0 Receive Level
(Note 2)
ENCODING FORMAT AT DX OUTPUT
TP3054
TP3057
m-Law
A-Law
(Includes Even Bit Inversion)
VIN (at GSX)eaFull-Scale
10000000
10101010
VIN (at GSX)e0V
11111111
11010101
01111111
01010101
VIN (at GSX)ebFull-Scale
00000000
00101010
Note 1
Measured by extrapolation from the distortion test result at b50 dBm0
Note 2
PPSRX NPSRX and CTR-X are measured with a b50 dBm0 activation signal applied to VFXIa
Note 3
Devices are measured using C message weighted filter for m-Law and psophometric weighted filter for A-Law
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com