Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1211 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 17Page - Texas Instruments TUSB1211 Datasheet HTML 18Page - Texas Instruments TUSB1211 Datasheet HTML 19Page - Texas Instruments TUSB1211 Datasheet HTML 20Page - Texas Instruments TUSB1211 Datasheet HTML 21Page - Texas Instruments TUSB1211 Datasheet HTML 22Page - Texas Instruments TUSB1211 Datasheet HTML 23Page - Texas Instruments TUSB1211 Datasheet HTML 24Page - Texas Instruments TUSB1211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
VREF
BGOK
PORZ
DIGPOR
VDD1V5
TVBBDET (10 s)
m
TPWONVDD1V5 (100 s)
m
TCK32K_PWON (125 s)
m
TDELRSTPWR (61 s)
m
TMNTR (214 s)
m
TDELMNTRVBATEN (30.5 s)
m
TDELREG1V8EN (61 s)
m
TMNTR (214 s)
m
TDELREG3V3EN (61 s)
m
TCLKDET (122 s)
m
TCLKSTART (200 ns)
TMNTR (214 s)
m
(91.5 s)
m
TPWONREG3V3 (1 ms)
TPWONVREG1V8 (100 s)
m
TBGAP (2 ms)
RESETN_PWR
CK32K
MNTR_BAT_OK
CK32KOK
VCC3V3
REG1V8_EN
REG3V3_EN
REFCLK
RESET_N
DIR
DATA(0:7)
REG1V8
MNTR_REG1V8_OK
MNTR_REG3V3_OK
PLLREFCLK
PLL 480M LOCKED
VBAT
OFF
HWRST
ACTIVE
ACTIVE
COLDRST
NO
PWR
TUS1211
STATE=>
CS
VUPR
CS_N
VDDIO
(30.5 s)
m
Internal Weak PD on DATA(0:7)
TDEL_CS_SUPPLYOK (4.190 ms)
TDEL_RST_DIR (0.422 ms)
TPLL (300
)
m
s
TPLL (300
)
m
s
KEY:
Black = Internal Signals
Blue = Primary IOs
Internal Weak PU on DIR
TDELRESET_N (122
)
m
s
TCLKDET (122
)
m
s
TCLKSTART (200 n )
s
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
NOTE
The ULPI clock can also be configured in input mode, see Figure 4-1 for details.
Figure 4-1. Power-Up Timing: (ULPI Clock Output Mode), Normal Battery
Copyright © 2011–2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com