Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1211 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments TUSB1211 Datasheet HTML 16Page - Texas Instruments TUSB1211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
4.17 Timers and Debounce
over operating free-air temperature range (unless otherwise noted)
NB CK32K
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CYCLES
CONDITIONS
TDEL_CS_SUPPLYOK Chip-select-to-Supplies ok delay
N/A
4.19
ms
Resetb to PHY PLL locked and DIR
TDEL_RST_DIR
N/A
0.42
ms
falling-edge delay
TVBAT_DET
VBAT detection delay
N/A
10.0
µs
TBGAP
Bandgap power-on delay
N/A
2.0
ms
TPWONREG1V5
REG1V5 power-on delay
N/A
100.0
µs
TPWONREG1V8
REG1V8 power-on delay
N/A
100.0
µs
TPWONVREG3V3
REG3V3 power-on delay
N/A
1.0
ms
TPWONCK32K
32KHz RC-OSC power-on delay
N/A
125.0
µs
TDELRSTPWR
Power control reset delay
2
52.6
61.0
87.0
µs
TDELMNTRVIOEN
Monitor enable delay
3
78.9
91.6
130.4
µs
TMNTR
Supply monitoring debounce
6
157.9
183.1
260.9
µs
TDELREG3V3EN
REG3V3 LDO enable delay
3
78.9
91.6
130.4
µs
TDELRESET_N
RESET_N internal delay
4
105.3
122.1
173.9
µs
TPLL
PLL Lock time
N/A
300.0
µs
Min 4100
TERROR_DELAY
PWR FSM ERROR state delay
107.9
125.1
356.3
ms
Max 8196
Copyright © 2011–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com