Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-10182 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-10182
Description  SparkFun Monster Moto Shield
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-10182 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-10182 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SparkFun Monster Moto Shield
DEV-10 182 RO HS
   1
images are CC BY-NC-SA 3.0
Description: This is essentially a ramped up version of our Ardumoto motor driver
shield. For this SparkFun Monster Moto Shield we’ve replaced the L298 H-bridge with
a pair of VNH2SP30 full-bridge motor drivers. We’ve also beefed up the support
circuitry so this board is capable of driving a pair of high-current motors! The VIN and
motor out are pitched for our 5mm screw terminals (not included), making it easy to
connect larger gauge wires.
Note: When using this board in extreme high-demand applications it may be
necessary to improve thermal performance with a heat-sink or fan and to solder the
wires directly to the board instead of using a screw terminal (in addition to the myriad
other complications present in a high-current system) However, when using the board
at currents up to 6A the chips will barely become noticeably warm.
Features:
• Voltage max: 16V
• Maximum current rating: 30 A
• Practical Continuous Current: 14 A
• Current sensing available to Arduino analog pin
• MOSFET on-resistance: 19 mΩ (per leg)
• Maximum PWM frequency: 20 kHz
• Thermal Shutdown
• Undervoltage and Overvoltage shutdown
10/12/2015
https://www.sparkfun.com/products/10182


Similar Part No. - DEV-10182

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10274 SPARKFUN-DEV-10274 Datasheet
105Kb / 1P
LilyPad Arduino Simple Board
10/12/2015
DEV-10275 SPARKFUN-DEV-10275 Datasheet
103Kb / 2P
LilyPad FTDI Basic Breakout - 5V
11/24/2015
logo
AG Electronica
DEV-10711 AGELECTRONICA-DEV-10711 Datasheet
140Kb / 1P
MÓDULO PARA BATERÍA LIPO PARA ARDUINO LIPOWER
01/03/2021
logo
SparkFun Electronics
DEV-10730 SPARKFUN-DEV-10730 Datasheet
101Kb / 1P
LilyPad Coin Cell Battery Holder - 20mm
11/24/2015
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
More results

Similar Description - DEV-10182

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09815 SPARKFUN-DEV-09815 Datasheet
104Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
SparkFun Photon IMU Shield
DEV-14129 SPARKFUN-DEV-14129 Datasheet
92Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14285 SPARKFUN-DEV-14285 Datasheet
273Kb / 3P
SparkFun Wireless Motor Driver Shield
10??3??7
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
WRL-14597 SPARKFUN-WRL-14597 Datasheet
748Kb / 3P
SparkFun AST-CAN485 WiFi Shield
3????9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com