Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOG2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # DOG2
Description  Dual axis inclinometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DOG2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  DOG2 Datasheet HTML 1Page - TE Connectivity Ltd DOG2 Datasheet HTML 2Page - TE Connectivity Ltd DOG2 Datasheet HTML 3Page - TE Connectivity Ltd DOG2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DOG2-SERIES INCLINOMETER
SENSOR SOLUTIONS /// DOG2-SERIES INCLINOMETER
01/2016
Page 3
PARAMETERS
Parameter
Value
Comment
Range
±90°
Dual axis sensor
Accuracy, typ.
0.5°
T= -40 °C to 85 °C
Accuracy, typ.
0.15°
T= 25 °C
Resolution
14 bit
Refresh rate
100 Hz
Internal processing
Startup time
<1 s
Valid output signal
Supply/excitation voltage
5 V
Powered via USB
Output
X- & Y-angles
Via USB virtual COM port on Host PC
Connector
Standard USB Plug Type A
Cable
Length of cable approx. 1.8 m
outer diameter Ø5 mm
Operation temperature range -40 °C to 85 °C
Storage temperature range
-40 °C to 85 °C
Weight, typ.
115 g
Including cable & connector
Dimensions
70.5 mm x 45 mm x 15 mm
W x D x H
COMMENTS
A software for an easy use of the sensor is supplied with the hardware. It includes a setup wizard for quick and
simple sensor configuration (PC with OS Microsoft Windows XP® or later is required).
This software is also provided via web download, please visit our company website to check for updates.
FUNCTION VIEW
The DOG2-series USB inclinometer is designed for floor mount application.
X-Axis
Y-Axis
+X
-X
-Y
+Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com