Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOG2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # DOG2
Description  Dual axis inclinometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DOG2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  DOG2 Datasheet HTML 1Page - TE Connectivity Ltd DOG2 Datasheet HTML 2Page - TE Connectivity Ltd DOG2 Datasheet HTML 3Page - TE Connectivity Ltd DOG2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SENSOR SOLUTIONS /// DOG2-SERIES INCLINOMETER
01/2016
Page 1
FEATURES
USB powered
Digital signal processing includes
o
filter
o
temperature
compensation
14 bit resolution
100 Hz refresh rate
-40 °C to 85 °C temperature
range
Accuracy typically
o
0.5° | -40 °C to 85 °C
o
0.15° | 25 °C
APPLICATIONS
Platform leveling
Tilt monitoring
Tilt alarm
DOG2 MEMS-SERIES
USB INCLINOMETER
SPECIFICATIONS
Dual axis inclinometer
Measurement range ±90°
High resolution
Good accuracy
Fast response time
Easy to use software
The DOG2 MEMS-Series USB inclinometer dual
axis is well suited for test and measurement
purposes.
A fast response time, good accuracy and high
resolution are its key features. It uses a digital signal
processing including temperature compensation to
optimize performance.
The user configurable filter allows to find a good
compromise between response time and a stable
output in noisy environments, e.g. if vibrations are an
issue.
Easy to use software for Microsoft Windows is
included. Also the sensor can be accessed using a
virtual COM port for easy integration.


Similar Part No. - DOG2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DOG2 MEMS TEC-DOG2 MEMS Datasheet
407Kb / 4P
DOG2 MEMS SERIES CAN J1939 INCLINOMETER
09/2017
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
More results

Similar Description - DOG2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
Murata Manufacturing Co...
SCA100T MURATA-SCA100T Datasheet
512Kb / 17P
THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com