Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTU20D Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 15Page - TE Connectivity Ltd HTU20D Datasheet HTML 16Page - TE Connectivity Ltd HTU20D Datasheet HTML 17Page - TE Connectivity Ltd HTU20D Datasheet HTML 18Page - TE Connectivity Ltd HTU20D Datasheet HTML 19Page - TE Connectivity Ltd HTU20D Datasheet HTML 20Page - TE Connectivity Ltd HTU20D Datasheet HTML 21Page - TE Connectivity Ltd HTU20D Datasheet HTML 22Page - TE Connectivity Ltd HTU20D Datasheet HTML 23Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 21
With:
XX:
Sensor Type (20)
O:
Output mode (D = Digital, P = PWM)
(F):
Sensor with PTFE membrane
TTTTTTTTT:
MEAS Traceability Code
YY:
Last two digits of the year
DDD:
Day of the year
QQQQ:
Quantity per reel (5000 units)
Tape and Reel Packaging
HTU20D(F) sensors are shipped in tape & reel packaging, sealed into antistatic ESD bags.
Standard packaging size is 5000 units per reel. Each reel contains 440mm (55 pockets) header tape and 200mm
(25 pockets) trailer tape. The drawing of the packaging tapes with sensor orientation is shown in the picture below.
Packaging reels
For 5000 unit
s: outside diameter of 13” (330mm) and a 1/2” (13mm) diameter arbor hole.
Handling / Storage recommendations
In order to use and preserve the high quality performance of the HTU21 humidity and temperature sensor, the
following recommendations have to be followed concerning storage and packaging.
Please read the paragraph below carefully and note that all precautions are applicable for design phases, production
phases as well as in case of returned material to Measurement Specialties.
When sensors are not used or assembled, we recommend to store them in their original sealed anti ESD
packaging. If sensors have been removed from their original packaging, we recommend to keep them into anti
static shielded ESD bags.
USER DIRECTION
OF UNREELING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com