Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTU20D Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd HTU20D Datasheet HTML 12Page - TE Connectivity Ltd HTU20D Datasheet HTML 13Page - TE Connectivity Ltd HTU20D Datasheet HTML 14Page - TE Connectivity Ltd HTU20D Datasheet HTML 15Page - TE Connectivity Ltd HTU20D Datasheet HTML 16Page - TE Connectivity Ltd HTU20D Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S
1
0
0
0
0
0
0
0
ACK
1
1
1
1
0
1
0
1
ACK
I²C address + write
Command (see table p.9)
19
20
21
22
23
24
25
26
27
Measurement
S
1
0
0
0
0
0
0
1
NACK
measuring
I²C address + read
19
20
21
22
23
24
25
26
27
Measurement
S
1
0
0
0
0
0
0
1
ACK
continue measuring
I²C address + read
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
0
1
1
1
1
1
0
0
ACK
1
0
0
0
0
0
1
0
ACK
Data (MSB)
Data (LSB)
Status
46
47
48
49
50
51
52
53
54
1
0
0
1
0
1
1
1
NACK
P
Checksum
No Hold Master communication sequence
Grey blocks are controlled by HTU20D(F) sensor.
For Hold Master sequence, bit 45 may be changed to NACK followed by a stop condition to omit checksum
transmission.
For No Hold Master sequence, if measurement is not completed upon
“read” command, sensor does not provide
ACK on bit 27 (more of these iterations are possible). If bit 45 is changed to NACK followed by stop condition,
checksum transmission is omitted.
In those examples, the HTU20D(F) sensor output is SRH
= ‘0111’1100’1000’0000 (0x7C80). For the calculation of
physical values status bits must be set to ‘0’. Refer to “Conversion of signal outputs” section p.16.
The maximum duration for measurement depends on the type of measurement and resolution chosen. Maximum
values shall be chosen for the communication planning of the MCU. Refer to the table p.4 and p.6 regarding
measuring time specifications.
I²C communication allows for repeated start conditions without closing prior sequence with stop condition.
Soft reset
This command is used for rebooting the HTU20D(F) sensor switching the power off and on again. Upon reception
of this command, the HTU20D(F) sensor system reinitializes and starts operation according to the default settings
with the exception of the heater bit in the user register. The soft reset takes less than 15ms.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S
1
0
0
0
0
0
0
0
ACK
1
1
1
1
1
1
1
0
ACK
P
I²C address + write
Soft Reset Command
Grey blocks are controlled by HTU20D(F) sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com