Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13044 Datasheet(PDF) 9 Page - SparkFun Electronics

Part # DEV-13044
Description  Blocks for Intel짰 Edison - Pi Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13044 Datasheet(HTML) 9 Page - SparkFun Electronics

Back Button DEV-13044 Datasheet HTML 3Page - SparkFun Electronics DEV-13044 Datasheet HTML 4Page - SparkFun Electronics DEV-13044 Datasheet HTML 5Page - SparkFun Electronics DEV-13044 Datasheet HTML 6Page - SparkFun Electronics DEV-13044 Datasheet HTML 7Page - SparkFun Electronics DEV-13044 Datasheet HTML 8Page - SparkFun Electronics DEV-13044 Datasheet HTML 9Page - SparkFun Electronics DEV-13044 Datasheet HTML 10Page - SparkFun Electronics DEV-13044 Datasheet HTML 11Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
// We *know* that if the IO pin reads as 0, or is low, rea
d() returns zero.
//  However, if it's high, it *may* return something els
e; the only guarantee
//  is that it will be nonzero. Thus, don't test to see i
f a read() returned
//  a 1!!!
if (buttonPin.read() == 0)
    { 
      LEDPin.write(1);
sleep(1);
      LEDPin.write(0);
sleep(1);
    } 
  } 
return MRAA_SUCCESS;
} 
Additional Examples
Because this block is just a GPIO access device, the existing MRAA GPIO
examples can be used with it.
Example projects in the IDE
When you create a new project in the Eclipse IDE, it will offer you the option
of several starter projects. Some of them, noted above, are good examples
of using the MRAA GPIO functions. They’re more complex than what we’ve
provided here, however.
For full documentation of the C++ API for GPIO pins, please visit the official
MRAA documentation.
Resources and Going Further
Pin Map
You might have noticed that we used GP46 in hardware and GPIO 32 in
our example code. This is because the MRAA library uses a different
number for the pins. If you would like to use MRAA to control hardware,
figure out which GPIO pins you plan to use on the table below (labeled
“Edison Pin”) and then use the MRAA Number in software.
The available pins on the Pi Block have been highlighted in yellow in the
table.
Notes:
• Input/output voltage on the Pi Block is 3.3V
• Input/output voltage on the GPIO Block is 3.3V by default
• Input/output voltage on the Arduino Breakout is 5V
• Input/output voltage on the Mini Breadboard is 1.8V
MRAA pin map table based on Intel’s IOT Dev Kit Repository
Edison
Pin
(Linux)
Arduino
Breakout
Mini
Breakout
MRAA
Number
Pinmode0
Pinmode1
Pinmode2
GP12
3
J18-7
20
GPIO-12
PWM0
GP13
5
J18-1
14
GPIO-13
PWM1
GP14
A4
J19-9
36
GPIO-14
Page 9 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com