Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13044 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13044
Description  Blocks for Intel짰 Edison - Pi Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13044 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13044 Datasheet HTML 1Page - SparkFun Electronics DEV-13044 Datasheet HTML 2Page - SparkFun Electronics DEV-13044 Datasheet HTML 3Page - SparkFun Electronics DEV-13044 Datasheet HTML 4Page - SparkFun Electronics DEV-13044 Datasheet HTML 5Page - SparkFun Electronics DEV-13044 Datasheet HTML 6Page - SparkFun Electronics DEV-13044 Datasheet HTML 7Page - SparkFun Electronics DEV-13044 Datasheet HTML 8Page - SparkFun Electronics DEV-13044 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pi Block Functional Diagram
• USB Power - used to provide 5V to Pi Block and power the Edison.
Note that the data lines are not connected to the Edison.
• Power Button - The power switch is connected to the “PWRBTN” line
on the Edison. This give the user the ability to place an Edison in
sleep or power down the module completely. This does not affect
power to other Blocks in the stack.
• Power LED - The power LED illuminates when power is present on
VSYS. This can come from the onboard USB Power or any other
powered Block in the stack.
• Expansion Header - The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
• LED Jumper - If power consumption is an issue, cut this jumper to
disable the power LED.
• VSYS Jumper - By default, a USB cable must be attached to the
USB Power port to provide power to the 5V pins on the RPi B
Header. You can power the Edison and Pi Block from another Block
(e.g. Base Block), but there will not be 5V on the pins labeled “5V”.
By closing this jumper, you can power the Edison and Pi Block from
another Block, and ~4.2V (VSYS) will appear on the pins labeled
“5V”.
• RPi B Header - Same configuration as the old Raspberry Pi Model B
pinout.
Using the Pi Block
To use the Pi Block, attach an Intel® Edison to the back of the board, or
add it to your current stack. Blocks can be stacked without hardware, but it
leaves the expansion connectors unprotected from mechanical stress.
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com