Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT-106 Datasheet(PDF) 1 Page - Abracon Corporation

Part # APT-106
Description  Meet IEEE802.3 specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APT-106 Datasheet(HTML) 1 Page - Abracon Corporation

  APT-106 Datasheet HTML 1Page - Abracon Corporation APT-106 Datasheet HTML 2Page - Abracon Corporation APT-106 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STANDARD SPECIFICATIONS:
OUTLINE DRAWING:
APT-106
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
10/100Base-T Single Port LAN Transformer
Extended Temperature
RoHS/RoHS II Compliant
Recommended Land Pattern
Dimensions: mm (Unless otherwise specified, tolerances are ±0.25)
12.70 x 9.40 x 5.70mm
Parameters
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
Inductance
350
µH
100KHz,/0.1V@
8mA
Leakage Inductance
0.4
µH
100KHz/0.1V
Cw/w
25
pF
100KHz/0.1V
DC Resistance
1.5
Ω
Insertion Loss
-1.1
dB
0.3-100MHz
Return Loss
-20
dB
30MHz
z
H
M
0
6
4
1
-
z
H
M
0
8
5
.
1
1
-
Cross Talk
-45
dB
30MHz
z
H
M
0
6
0
4
-
z
H
M
0
0
1
7
2
-
Differential to Common Mode
Rejection
-42
dB
30MHz
z
H
M
0
5
7
3
-
z
H
M
0
0
1
3
3
-
Common Mode Rejection
-30
dB
1-100MHz
T
C
1
:
T
C
1
)
%
2
±
(
o
it
a
R
s
n
r
u
T
Hi-Pot
1500Vrms/0.5mA/60Sec or
1650Vrms/0.5mA/2Sec
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 03.24.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
APPLICATIONS:
FEATURES:
• Designed for most leading PHY IC manufacturers such as
Broadcom, Marvell, Micrel, & Microsemi
• 10/100Base-T Ethernet-LAN
• VoIP
• Symmetrical Tx & RX channles for Auto MDI/MDIX capability
• Provides signal conditioning, EMI suppression and signal isolation.
• Hubs/Switches/Routers/Servers/NIC Cards
• Meet IEEE802.3 specification
• Extended Temperature (-40°C - +85°C)
• ROHS peak reflow temperature rating 245°C
• 1500Vrms Hi-Pot
FEATURES:


Similar Part No. - APT-106

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
LAN COUPLING TRANSFORMERS
More results

Similar Description - APT-106

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82586 INTEL-82586 Datasheet
2Mb / 37P
IEEE802.3 ETHERNET LAN COPROCESSOR
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C190KSKT TO-GRACE-LTST-C190KSKT Datasheet
669Kb / 12P
Meet ROHS
LTST-C230KRKT TO-GRACE-LTST-C230KRKT Datasheet
711Kb / 12P
Meet ROHS
LTST-S32F1KT TO-GRACE-LTST-S32F1KT Datasheet
662Kb / 12P
Meet ROHS.
logo
E&E Magnetic Products L...
824-00369R EEMAGNETIC-824-00369R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-00405R EEMAGNETIC-824-00405R Datasheet
152Kb / 2P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard
824-00427R EEMAGNETIC-824-00427R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-C0053F EEMAGNETIC-824-C0053F Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
824-00418R EEMAGNETIC-824-00418R Datasheet
633Kb / 8P
SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
Meet RoHS/Meet RoHS, Green Product
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com