Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT-106 Datasheet(PDF) 2 Page - Abracon Corporation

Part # APT-106
Description  Meet IEEE802.3 specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APT-106 Datasheet(HTML) 2 Page - Abracon Corporation

  APT-106 Datasheet HTML 1Page - Abracon Corporation APT-106 Datasheet HTML 2Page - Abracon Corporation APT-106 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RoHS/RoHS II Compliant
SCHEMATIC:
REFLOW PROFILE:
APT-106
10/100Base-T Single Port LAN Transformer
Extended Temperature
12.70 x 9.40 x 5.70mm
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 03.24.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
y
l
b
m
e
s
s
A
e
e
r
F
-
b
P
e
r
u
t
a
e
F
e
li
f
o
r
P
Average Ramp-Up Rate
(Ts max to Tp)
3°C /second max.
Preheat
-Temperature Min (Ts min)
-Temperature Max (Ts max)
-Time (ts min to ts max)
150°C
200°C
60-120 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
217°C
60-150 seconds
Peak/Classification Temperature (Tp)
245±5°C
Time within 5°C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C /seconds max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com