Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCSM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCSM
Description  Ball Grid Array Packaging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCSM Datasheet(HTML) 1 Page - Abracon Corporation

  ASCSM Datasheet HTML 1Page - Abracon Corporation ASCSM Datasheet HTML 2Page - Abracon Corporation ASCSM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||||| | | | | |
ASCSM
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.24.14
Visit www.abracon.com for Terms & Conditions of Sale
Plastic Package Industrial Grade Ultra Miniature Pure SiliconTM
Clockoscillators, Layout Compatible To 1.6 X 1.2 Mm Standard Oscillator
STANDARD SPECIFICATIONS:
1.8 x 1.25 x 0.68mm
Layout Compatible to 1.6 x 1.2 mm
Standard Oscillator
Common Key Electrical Specifications
Key Electrical Specifications
Absolute Maximum Ratings
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
1.0
150
MHz
Operating Temperature:
0
+70
°C
See options
Storage Temperature:
-55
+150
°C
Overall Frequency Stability:
-50
+50
ppm
See options
Supply Voltage (Vdd):
+1.7 ~ +3.6
V
Output Load:
15
pF
10
kΩ
Symmetry:
45
55
%
@1/2Vdd
Startup Time:
1.0
1.3
ms
Disable Time:
20
100
ns
Disable Stand-by Current:
15
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
Aging:
-5.0
+5.0
ppm
First year
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current
(no load):
12 MHz
6.0
6.5
mA
CL=0p ; V=1.8V
RL=∞; T=25°C
(Standard CL: 15pF)
Output Voltage:
VOH
0.8*Vdd
V
CL=15pF
VOL
0.2*Vdd
V
Rise Time:
Fall Time:
Tr
1.8
3.0
ns
CL=15pF; T=25°C
20%/80%*VDD
Tf
1.0
3.0
ns
Period Jitter RMS
Jrms
7.0
ps
F=12MHz CL=15pF
Moisture Sensitivity Level – MSL 1
• Ultra Miniature Pure SiliconTM Clock Oscillator, Layout Compatible
to 1.6 x 1.2 mm Footprint
• High Performance MEMS Technology by Discera
• Low Power Consumption for high speed communication
• Exceptional Stability Over Temp. at -40 to +105°C, ±10ppm
• Available in 30kG Shock Resistance Configuration upon request
• MIL-STD-883 shock and vibration compliant
• Ball Grid Array Packaging
• Low jitter (Period jitter RMS and Phase jitter RMS)
• Imaging, Video, and Audio Modules
• Portable Consumer Electronics and Media Devices
• Tablets and Mobile Internet Devices
• Low Profile Embedded Designs
• Pico and Femto Networking
Item
Minimum
Maximum
Unit
Condition
Input Voltage
-0.3
VDD+0.3
V
Junction Temp.
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
200
1,500
V
Pb RoHS/RoHS II
EOL/Obsolescence planned – Not Recommended for New Designs


Similar Part No. - ASCSM

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASC ASTRODYNE-ASC Datasheet
254Kb / 3P
30 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ASC ARCH-ASC Datasheet
547Kb / 6P
AC-DC Power Module
logo
TT Electronics.
ASC TTELEC-ASC Datasheet
183Kb / 2P
Special construction resists sulphide growth
logo
Phoenix Mecano S.E. Asi...
ASC 1 BOPLA-ASC 1 Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
Metabo Power Tools
ASC 55 METABO-ASC 55 Datasheet
55Kb / 2P
"AIR COOLED" Charger ASC 55, 12-36 V, EU (627044000)
More results

Similar Description - ASCSM

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
logo
fujitsu semiconductor
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com