Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCSM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASCSM
Description  Ball Grid Array Packaging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCSM Datasheet(HTML) 2 Page - Abracon Corporation

  ASCSM Datasheet HTML 1Page - Abracon Corporation ASCSM Datasheet HTML 2Page - Abracon Corporation ASCSM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||| | | | | |
ASCSM
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.24.14
Visit www.abracon.com for Terms & Conditions of Sale
Plastic Package Industrial Grade Ultra Miniature Pure SiliconTM
Clockoscillators, Layout Compatible To 1.6 X 1.2 Mm Standard Oscillator
1.8 x 1.25 x 0.68mm
Layout Compatible to 1.6 x 1.2 mm
Standard Oscillator
ASCSM -
MHz -
-
Frequency in MHz
e.g. 14.3181 MHz
(Maximum 4 digits
after decimal)
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Overall Freq. Stability
C: ±50ppm (STD)
Y: ±10ppm
R: ±25 ppm
Packaging
Blank: Bulk
T: 2,500pcs/reel
T5: 5,000pcs / reel
PART IDENTIFICATION:
OUTLINE DRAWING:
Pb RoHS/RoHS II
Pin
Function
1
Standby
2
GND
3
Output
4
Vdd
Note: Recommend using an approximately
0.01uF bypass capacitor between PIN 2 and 4.
Recommended Land Pattern
Dimensions: mm
Component height after reflow is 0.53-0.60 mm. Layout Compatible to 1.6 x 1.2 mm Standard Oscillator
Pin 2
Pin 3
Pin 4
EOL/Obsolescence planned – Not Recommended for New Designs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com