Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMP Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASDMP
Description  Standby or Disable Tri-state function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMP Datasheet(HTML) 5 Page - Abracon Corporation

  ASDMP Datasheet HTML 1Page - Abracon Corporation ASDMP Datasheet HTML 2Page - Abracon Corporation ASDMP Datasheet HTML 3Page - Abracon Corporation ASDMP Datasheet HTML 4Page - Abracon Corporation ASDMP Datasheet HTML 5Page - Abracon Corporation ASDMP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
|||||||| | | | | | | |
ASDMP Series
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
2.5 x 2.0 x 0.85 mm
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATORS
HCSL OUTPUT:
TEST CIRCUIT:
Dimensions: mm (inches)
Pin #
Function
1
Tri-state
2
NC
3
GND
4
Output
5
NC (CMOS)
Output (LVPECL, LVDS, HCSL)
6
Vdd
Note: Recommend using an approximately
0.01uF bypass capacitor between PIN 6 and 3.
Recommended Land Pattern for CMOS
Recommended Land Pattern for LVPECL, LVDS, HCSL
OUTLINE DRAWING:
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Revised: 08.19.15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com