Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDMP
Description  Standby or Disable Tri-state function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMP Datasheet(HTML) 1 Page - Abracon Corporation

  ASDMP Datasheet HTML 1Page - Abracon Corporation ASDMP Datasheet HTML 2Page - Abracon Corporation ASDMP Datasheet HTML 3Page - Abracon Corporation ASDMP Datasheet HTML 4Page - Abracon Corporation ASDMP Datasheet HTML 5Page - Abracon Corporation ASDMP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
||||| | | | | | | | | | |
ASDMP Series
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
2.5 x 2.0 x 0.85 mm
STANDARD SPECIFICATIONS:
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATORS
Moisture Sensitivity Level – MSL 1
• Ultra Miniature Pure SiliconTM Clock Oscillator
• High Performance MEMS Technology by Discera
• Low Power Consumption for high speed communication
• Exceptional Stability Over Temp. at -40 to +85°C, ±15ppm
• Extended Automotive Grade Temp. stability at -55 to +125°C, ±25ppm
• MIL-STD-883 shock and vibration compliant
• Durable QFN Plastic Compact Packaging
• Standby or Disable Tri-state function
• Low jitter (Period jitter RMS and Phase jitter RMS)
• High power supply noise reduction, -50dBc
• Storage Area Networks (SATA, SAS, Fiber Channel)
• Passive Optical Networks (EPON, 10G-EPON, GPON, 10G-PON)
• Ethernet (1G, 10GBASE-T,/KR/LR/SR, FCoE
• PCI Express
• Display port
Common Key Electrical Specifications – CMOS, LVPECL, LVDS, and HCSL
Key Electrical Specifications – CMOS
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
31
35
mA
CL=15pF, 125MHz
Output Logic Level
VOH
0.9*Vdd
V
I=±6mA
VOL
0.1*Vdd
V
Rise Time
Tr
1.1
2.0
ns
CL=15pF
20% to 80%
Fall Time
Tf
1.3
2.0
ns
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Integrated Phase Jitter (JPH)
0.30
2
ps
200kHz ~ 20MHz@125MHz
0.38
2
100kHz ~ 20MHz@125MHz
1.70
2
12kHz ~ 20MHz@125MHz
Period Jitter RMS (JPER
s
p
0
.
3
)
* For 2.3000MHz < F0 < 9.9999MHz, 6-8 weeks lead-time applies
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
CMOS
2.3000*
170.0000
MHz
CMOS
3.3000*
170.0000
LVPECL
2.3000*
460.0000
Commercial, Industrial
temp. range
LVDS
2.3000*
460.0000
Commercial, Industrial
temp range
HCSL
2.3000*
460.0000
Commercial, Industrial
temp. range
Operating Temperature
-20
+70
°C
See options
C
°
0
5
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability
-50
+50
ppm
See options
Supply Voltage (Vdd)
+2.25
+3.6
V
s
m
5
e
m
i
T
p
u
tr
a
t
S
Enable Time
20
ns
STD (Tri-state)
5
ms
PD option (Power Down)
s
n
5
e
m
i
T
e
l
b
a
s
i
D
Disable Current
20
22
mA
STD (Tri-state)
0.095
PD option (Power Down)
Tri-state Function (Standby/Disable)
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
40kΩ pull-up resister
embedded
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
0
.
5
-
g
n
i
g
A
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
-20 ~ +70
°C
-40 ~ +85
°C
-40 ~ +105
°C
-55 ~ +125
°C
Revised: 08.19.15


Similar Part No. - ASDMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDMP-2D ABRACON-ASDMP-2D Datasheet
98Kb / 1P
VOLTAGE CONTROLLED TEMP
ASDMPA ABRACON-ASDMPA Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-LJ-PD ABRACON-ASDMPAC-14.3181MHZ-LJ-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-LR-PD ABRACON-ASDMPAC-14.3181MHZ-LR-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-VJ-PD ABRACON-ASDMPAC-14.3181MHZ-VJ-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASDMP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Mercury United Electron...
H43 MERCURY-H43 Datasheet
85Kb / 1P
Tri-state function available.
HF42 MERCURY-HF42 Datasheet
118Kb / 1P
Tri-state function available.
HF43 MERCURY-HF43 Datasheet
120Kb / 1P
Tri-state function available.
HV14 MERCURY-HV14 Datasheet
102Kb / 1P
Tri-state function available.
HV42 MERCURY-HV42 Datasheet
118Kb / 1P
Tri-state function available.
HW14 MERCURY-HW14 Datasheet
102Kb / 1P
Tri-state function available.
HW43 MERCURY-HW43 Datasheet
102Kb / 1P
Tri-state function available.
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com