Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASG2-P Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASG2-P
Description  Short lead time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG2-P Datasheet(HTML) 1 Page - Abracon Corporation

  ASG2-P Datasheet HTML 1Page - Abracon Corporation ASG2-P Datasheet HTML 2Page - Abracon Corporation ASG2-P Datasheet HTML 3Page - Abracon Corporation ASG2-P Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATIONS:
FEATURES:
2.5 x 2.0 x 1.0 mm
STANDARD SPECIFICATIONS:
• +2.5V or +3.3V operation
• -40°C to +85°C standard operating temperature range
• Miniature size 2.5 x 2.0 x 1.0 mm Ceramic SMT Package
• Short lead time
30332 Esperanza,Rancho SantaMargarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.01.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Programmable - High Performance
SMD XO & VCXO (LVPECL Output)
Moisture Sensitivity Level (MSL) – 1
• Networking
• SONET/SDH
• WiMax / WLAN
• Computing
• Phase Locked Loops
• Direct Digital Synthesis (DDS)
• DSL/ADSL
• Base Terminal Stations
Note #1: Inclusive of initial tolerance at 25ºC±3ºC, operating temperature range, input voltage variation, load variation & 15 years
aging at 25ºC.
Note #2: The rms jitter integrated over 12kHz to 20MHz Bandwidth is dependent on the carrier and whether or not the final
frequency is achieved without engaging the Fractional Mode
Pb RoHS / RoHS II Compliant
ESD Sensitive
ASG2-P
Parameters
Minimum
Typical
Maximum Units
Notes
z
H
M
0
0
5
1
8
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature
-40
+85
°C
Storage Temperature
-55
+125
°C
Overall Frequency Stability
-50
+50
ppm
See Note # 1
Initial Tolerance + Stability over
operating temperature
-35.00
+35.00
ppm
Supply Voltage (Vdd)
Vdd = 3.3V
3.135
3.300
3.465
V
Vdd = 2.5V
2.375
2.500
2.625
V
t
n
e
d
n
e
p
e
d
y
c
n
e
u
q
e
r
F
A
m
5
6
t
n
e
r
r
u
C
t
u
p
n
I
LVPECL Output
(OUT &
OUT )
Output High Voltage
Vdd - 1.025
V
50Ω nominal load
Output Low Voltage
Vdd – 1.62
V
50Ω nominal load
Duty Cycle
45
55
%
@Vdd-1.3V
Rise Time
600
ps
80%/20%
Fall Time
600
ps
80%/20%
Enable/Disable Function :
"1" (VIH ≥ 0.7*Vdd) or Open: Oscillation
"0" (VIL < 0.3*Vdd) : High Z
y
l
n
O
O
X
C
V
r
o
F
V
d
d
V
0
e
g
n
a
R
e
g
a
tl
o
V
l
o
rt
n
o
C
y
l
n
O
O
X
C
V
r
o
F
m
p
p
5
3
±
e
g
n
a
R
ll
u
P
e
t
u
l
o
s
b
A
Control Port Bandwidth
10
kHz
For VCXO Only
y
l
n
O
O
X
C
V
r
o
F
%
5
1
y
ti
r
a
e
n
i
L
e
v
it
i
s
o
P
e
p
o
l
S
For VCXO Only
Phase jitter RMS (12kHz to 20MHz offset)
1.0
1.8
ps
See Note #2


Similar Part No. - ASG2-P

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG2-D ABRACON-ASG2-D Datasheet
2Mb / 4P
Programmable - High Performance
07.01.14
ASG2-LJ ABRACON-ASG2-LJ Datasheet
3Mb / 6P
Short lead time
06/03/2016
More results

Similar Description - ASG2-P

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
GT-BGA-2022 IRONWOOD-GT-BGA-2022 Datasheet
750Kb / 4P
Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6003 IRONWOOD-CBT-BGA-6003 Datasheet
329Kb / 5P
Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6005 IRONWOOD-CBT-BGA-6005 Datasheet
411Kb / 5P
Automated probe manufacturing enables low cost and short lead time
logo
Abracon Corporation
ASG2-LJ ABRACON-ASG2-LJ Datasheet
3Mb / 6P
Short lead time
06/03/2016
logo
ECS, Inc.
ECXV-P ECS-ECXV-P Datasheet
493Kb / 3P
Short Lead time
ETXO-H ECS-ETXO-H Datasheet
416Kb / 3P
Short Lead time
ETXO-L ECS-ETXO-L Datasheet
864Kb / 3P
Short Lead time
ETXO-P ECS-ETXO-P Datasheet
1Mb / 3P
Short Lead time
logo
List of Unclassifed Man...
SG-8018CA ETC1-SG-8018CA Datasheet
1Mb / 8P
PLL technology to enable short lead time
SG-8101CA ETC1-SG-8101CA Datasheet
1Mb / 8P
PLL technology to enable short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com