Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASG2-P Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASG2-P
Description  Short lead time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG2-P Datasheet(HTML) 2 Page - Abracon Corporation

  ASG2-P Datasheet HTML 1Page - Abracon Corporation ASG2-P Datasheet HTML 2Page - Abracon Corporation ASG2-P Datasheet HTML 3Page - Abracon Corporation ASG2-P Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASG2 - P - - -
MHz -
Fixed or Pull-able
X = Fixed Oscillator
V = VCXO
Operating Voltage
3.30V = A
2.50V = B
Frequency in MHz
Please specify the
Frequency in MHz
e.g. 100.000 MHz
Packaging
Blank = Bulk
T = Tape & Reel
OPTIONS & PART IDENTIFICATION:
ASG2-P
2.5 x 2.0 x 1.0 mm
30332 Esperanza,Rancho SantaMargarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.01.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS / RoHS II Compliant
ESD Sensitive
TEST CIRCUIT
RECOMMENDED REFLOW PROFILE
Programmable - High Performance
SMD XO & VCXO (LVPECL Output)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com