Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3067 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3067
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3067 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button TP3067 Datasheet HTML 3Page - National Semiconductor (TI) TP3067 Datasheet HTML 4Page - National Semiconductor (TI) TP3067 Datasheet HTML 5Page - National Semiconductor (TI) TP3067 Datasheet HTML 6Page - National Semiconductor (TI) TP3067 Datasheet HTML 7Page - National Semiconductor (TI) TP3067 Datasheet HTML 8Page - National Semiconductor (TI) TP3067 Datasheet HTML 9Page - National Semiconductor (TI) TP3067 Datasheet HTML 10Page - National Semiconductor (TI) TP3067 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Timing Specifications
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC ea50V g5% VBB eb50V g5% TA e
0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other
production tests andor product design and characterization All signals are referenced to GNDA Typicals specified at VCC e
a
50V VBB eb50V TA e 25 C All timing parameters are measured at VOH e 20V and VOL e 07V
See Definitions and Timing Conventions section for test methods information
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1tPM
Frequency of Master Clock
1536
MHz
1544
MHz
MCLKX and MCLKR
2048
MHz
tRM
Rise Time of Master Clock
MCLKX and MCLKR
50
ns
tFM
Fall Time of Master Clock
MCLKX and MCLKR
50
ns
tPB
Period Bit of Clock
485
488
15725
ns
tRB
Rise Time of Bit Clock
BCLKX and BCLKR
50
ns
tFB
Fall Time of Bit Clock
BCLKX and BCLKR
50
ns
tWMH
Width of Master Clock High
MCLKX and MCLKR
160
ns
tWML
Width of Master Clock Low
MCLKX and MCLKR
160
ns
tSBFM
Set-Up Time from BCLKX High
100
ns
to MCLKX Falling Edge
tSFFM
Set-Up Time from FSX High
Long Frame Only
100
ns
to MCLKX Falling Edge
tWBH
Width of Bit Clock High
160
ns
tWBL
Width of Bit Clock Low
160
ns
tHBFL
Holding Time from Bit Clock
Long Frame Only
0
ns
Low to Frame Sync
tHBFS
Holding Time from Bit Clock
Short Frame Only
0
ns
High to Frame Sync
tSFB
Set-Up Time for Frame Sync
Long Frame Only
80
ns
to Bit Clock Low
tDBD
Delay Time from BCLKX High
Loade150 pF plus 2 LSTTL Loads
0
180
ns
to Data Valid
tDBTS
Delay Time to TSX Low
Loade150 pF plus 2 LSTTL Loads
140
ns
tDZC
Delay Time from BCLKX Low to
50
165
ns
Data Output Disabled
tDZF
Delay Time to Valid Data from
CLe0 pF to 150 pF
20
165
ns
FSX or BCLKX Whichever
Comes Later
tSDB
Set-Up Time from DR Valid to
50
ns
BCLKRX Low
tHBD
Hold Time from BCLKRX Low to
50
ns
DR Invalid
tSF
Set-Up Time from FSXR to
Short Frame Sync Pulse (1 Bit Clock
50
ns
BCLKXR Low
Period Long)
tHF
Hold Time from BCLKXR Low
Short Frame Sync Pulse (1 Bit Clock
100
ns
to FSXR Low
Period Long)
tHBFI
Hold Time from 3rd Period of
Long Frame Sync Pulse (from 3 to 8 Bit
100
ns
Bit Clock Low to Frame Sync
Clock Periods Long)
(FSX or FSR)
tWFL
Minimum Width of the Frame
64k Bits Operating Mode
160
ns
Sync Pulse (Low Level)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com