Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3067 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3067
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3067 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3067 Datasheet HTML 1Page - National Semiconductor (TI) TP3067 Datasheet HTML 2Page - National Semiconductor (TI) TP3067 Datasheet HTML 3Page - National Semiconductor (TI) TP3067 Datasheet HTML 4Page - National Semiconductor (TI) TP3067 Datasheet HTML 5Page - National Semiconductor (TI) TP3067 Datasheet HTML 6Page - National Semiconductor (TI) TP3067 Datasheet HTML 7Page - National Semiconductor (TI) TP3067 Datasheet HTML 8Page - National Semiconductor (TI) TP3067 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
Dual-In-Line Package
TLH5070 – 2
Top View
Plastic Chip Carrier
TLH5070 – 6
Top View
Order Number TP3064J or TP3067J
See NS Package J20A
Order Number TP3064WM or TP3067WM
See NS Package M20B
Order Number TP3064N or TP3067N
See NS Package N20A
Order Number TP3064V or TP3067V
See NS Package V20A
Pin Description
Symbol
Function
VPOa
The non-inverted output of the receive power
amplifier
GNDA
Analog ground All signals are referenced to
this pin
VPOb
The inverted output of the receive power
amplifier
VPI
Inverting input to the receive power amplifier
VFRO
Analog output of the receive filter
VCC
Positive power supply pin VCCea5Vg5%
FSR
Receive frame sync pulse which enables
BCLKR to shift PCM data into DR FSR is an
8 kHz pulse train See
Figures 2 and 3 for
timing details
DR
Receive data input PCM data is shifted into
DR following the FSR leading edge
BCLKR
The bit clock which shifts data into DR after
the FSR leading edge May vary from 64 kHz
CLKSEL
to 2048 MHz Alternatively may be a logic
input which selects either
1536 MHz1544 MHz or 2048 MHz for
master clock in synchronous mode and
BCLKX is used for both transmit and receive
directions (see Table I)
MCLKR
Receive master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be
PDN
asynchronous with MCLKX but should be
synchronous with MCLKX for best
performance When MCLKR is connected
continuously low MCLKX is selected for all
internal timing When MCLKR is connected
continuously high the device is powered
down
Symbol
Function
MCLKX
Transmit master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be
asynchronous with MCLKR Best
performance is realized from synchronous
operation
BCLKX
The bit clock which shifts out the PCM data
on DX May vary from 64 kHz to 2048 MHz
but must be synchronous with MCLKX
DX
The TRI-STATE PCM data output which is
enabled by FSX
FSX
Transmit frame sync pulse input which
enables BCLKX to shift out the PCM data on
DX FSX is an 8 kHz pulse train see Figures 2
and
3 for timing details
TSX
Open drain output which pulses low during
the encoder time slot
ANLB
Analog Loopback control input Must be set
to logic ‘0’ for normal operation When pulled
to logic ‘1’ the transmit filter input is
disconnected from the output of the transmit
preamplifier and connected to the VPOa
output of the receive power amplifier
GSX
Analog output of the transmit input amplifier
Used to externally set gain
VFXIb
Inverting input of the transmit input amplifier
VFXIa
Non-inverting input of the transmit input
amplifier
VBB
Negative power supply pin VBBeb5Vg5%
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com