Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASH7K Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASH7K
Description  Clock drivers for Real Time Clocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASH7K Datasheet(HTML) 2 Page - Abracon Corporation

  ASH7K Datasheet HTML 1Page - Abracon Corporation ASH7K Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
||| | | | | ||| | | | | |
ASH7K
RoHS
Compliant
32.768kHz SMD SMD CRYTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.27.11
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
Dimensions: mm
OUTLINE DIMENSIONS
Dimensions: mm
T=Tape and reel (3,000pcs/reel)
TAPE & REEL
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
REFLOW PROFILE
3.2 x 1.5 x 1.0mm
T= Tape and reel (3,000pcs/reel)
A
B
C
D
E
F
1.9±0.1
3.5±0.1
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.1
G
H
I
J
K
t
2.0±0.05
4.0±0.1
1.5+0.1/-0
1.0+0.2/-0
1.1±0.1
0.25±0.05
Recommended Land Pattern



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com