Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASH7K Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASH7K
Description  Clock drivers for Real Time Clocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASH7K Datasheet(HTML) 1 Page - Abracon Corporation

  ASH7K Datasheet HTML 1Page - Abracon Corporation ASH7K Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
||| | | | | ||| | | | | |
ASH7K
APPLICATIONS:
• Factory Automation
• PC Sever
• W-LAN/GPS Chipset
• General purpose clock generator for digital systems
• Clock drivers for Real Time Clocks
• Timekeeping in network servers and computers
FEATURES:
RoHS
Compliant
32.768kHz SMD CRYTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.27.11
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
3.2 x 1.5 x 1.0mm
• Ultra-miniature size 3.2x1.5x1.0mm [max.]
• Low Voltage Operation (Min:1.5V)
• Low Current Consumption (3.5uA Max @1.5V)
• Operating temperature : -40 to +85 °C
• VDD controls the output amplitude
• Tri-state function
RECOMMENDED TEST CIRCUIT
STANDARD SPECIFICATIONS
Waveform measurement
Current consumption measurement
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency
-----
32.768
-----
kHz
Operating Temperature
-40
-----
+85
°C
Storage Temperature
-55
-----
+125
°C
Store as bare product after unpacking
Frequency Tolerance
-18
+5
+28
ppm
Ref: Ta=+25±2°C; Vdd=3.3V;
Preset frequency after 2 times reflow
Overall Frequency Stability
-120
-----
+10
ppm
-20~70°C (+25°C is reference)
-170
-----
+10
-40~85°C (+25°C is reference)
Supply Voltage Range (Vdd)
1.5
-----
3.6
V
Vdd=3.3V
Supply Voltage Range (VIO)
1.5
-----
3.6
V
Input Voltage on pin 1
Vdd Current Consumption
-----
-----
0.7
µA
VIO Current Consumption
-----
-----
0.8
µA
No Load, VIO=3.3V±0.3V
-----
-----
3.5
µA
Load=15pF, VIO=3.3V±0.3V
Output Load (CMOS)
-----
-----
15
pF
CMOS Load
Output Voltage
VOH
VIO -0.4
-----
-----
V
IOH=-0.4mA
VOL
A
m
4
.
0
+
=
L
O
I
4
.
0
-
-
-
-
-
-
-
-
-
-
5
2
+
@
r
a
e
y
/
m
p
p
0
.
3
+
-
-
-
-
-
0
.
3
-
g
n
i
g
A
±2
°C
Symmetry
45
-----
55
%
@50% VIO
Disable Delay Time
-----
-----
1.0
µs
Start-up Time
-----
-----
0.6
s
Rise Time
-----
-----
50.0
ns
Load=15pF, 0.2VIO to 0.8VIO
Fall Time
-----
-----
50.0
ns
Load=15pF, 0.8VIO to 0.2VIO
ASH7K-32.768kHz-T
PART IDENTIFICATION:
• Electricity, gas and water metering
• Portable field communication
• Mobile phone
• Clock & Data recovery
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players & games


Similar Part No. - ASH7K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
ASH7KW ABRACON-ASH7KW Datasheet
3Mb / 3P
32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
02.10.13
More results

Similar Description - ASH7K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
logo
STMicroelectronics
AN3060 STMICROELECTRONICS-AN3060 Datasheet
375Kb / 23P
Applications guide for serial real-time clocks
17-Jul-2012
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
Frequency reference for real time clocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com