Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0731 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0731
Description  7-Output 1.8V HCSL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0731 Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0731_17 Datasheet HTML 1Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 2Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 3Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 4Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 5Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 6Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 7Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 8Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MARCH 10, 2017
3
7-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0731 DATASHEET
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
vSADR_tri
LATCHED
IN
Tri-level latch to select SMBus Address. It has an internal 120kohm pull down resistor. See
SMBus Address Selection Table.
2vOE6#
IN
Active low input for enabling output 6. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
3
DIF6
OUT
Differential true clock output.
4
DIF6#
OUT
Differential complementary clock output.
5
VDDR1.8
PWR
Power supply for differential input clock (receiver). This VDD should be treated as an analog
power rail and filtered appropriately. Nominally 1.8V.
6
CLK_IN
IN
True input for differential reference clock.
7
CLK_IN#
IN
Complementary input for differential reference clock.
8
GNDDIG
GND
Ground pin for digital circuitry.
9
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
10
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
VDDDIG1.8
PWR
1.8V digital power (dirty power).
12
VDDIO
PWR
Power supply for differential outputs.
13
vOE0#
IN
Active low input for enabling output 0. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
14
DIF0
OUT
Differential true clock output.
15
DIF0#
OUT
Differential complementary clock output.
16
VDD1.8
PWR
Power supply, nominally 1.8V
17
VDDIO
PWR
Power supply for differential outputs.
18
DIF1
OUT
Differential true clock output.
19
DIF1#
OUT
Differential complementary clock output.
20
NC
N/A
No connection.
21
vOE1#
IN
Active low input for enabling output 1. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
22
DIF2
OUT
Differential true clock output.
23
DIF2#
OUT
Differential complementary clock output.
24
vOE2#
IN
Active low input for enabling output 2. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
25
VDD1.8
PWR
Power supply, nominally 1.8V
26
VDDIO
PWR
Power supply for differential outputs.
27
DIF3
OUT
Differential true clock output.
28
DIF3#
OUT
Differential complementary clock output.
29
vOE3#
IN
Active low input for enabling output 3. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
30
NC
N/A
No connection.
31
VDD1.8
PWR
Power supply, nominally 1.8V
32
VDDIO
PWR
Power supply for differential outputs.
33
DIF4
OUT
Differential true clock output.
34
DIF4#
OUT
Differential complementary clock output.
35
vOE4#
IN
Active low input for enabling output 4. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
36
DIF5
OUT
Differential true clock output.
37
DIF5#
OUT
Differential complementary clock output.
38
vOE5#
IN
Active low input for enabling output 5. This pin has an internal 120kohm pull-down.
1 = disable outputs, 0 = enable outputs.
39
VDDIO
PWR
Power supply for differential outputs.
40
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion. Low enters
Power Down Mode, subsequent high assertions exit Power Down Mode. This pin has internal
120kohm pull-up resistor.
41
EPAD
GND
Connect paddle to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com