Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0731 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DBV0731
Description  7-Output 1.8V HCSL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0731 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DBV0731_17 Datasheet HTML 3Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 4Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 5Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 6Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 7Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 8Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 9Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 10Page - Integrated Device Technology 9DBV0731_17 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MARCH 10, 2017
7
7-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0731 DATASHEET
Electrical Characteristics–DIF Low-Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TCOM or TIND; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Scope averaging on 3.0V/ns setting
2.3
3.4
4.3
V/ns
1,2,3
Scope averaging on 2.0V/ns setting
1.4
2.2
3.1
V/ns
1,2,3
Slew rate matching
ΔTrf
Slew rate matching, Scope averaging on
5
20
%
1,2,4
Voltage High
VHIGH
660
774
850
7
Voltage Low
VLOW
-150
0
150
7
Max Voltage
Vmax
813
1150
7
Min Voltage
Vmin
-300
-55
7
Vswing
Vswing
Scope averaging off
300
1548
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
404
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
12
140
mV
1,6
2 Measured from differential waveform
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
7 660mV Vhigh is the minimum when VDDIO is >= 1.05V +/-5%. If VDDIO is < 1.05V +/-5%, the minimum Vhigh will be VDDIOmin -
250mV. For example for VDDIO = 0.9V +/-5%, VHIGHmin will be 860mV - 250mV = 610mV.
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. C
L = 2pF with RS = 33Ω for Zo = 50Ω (100Ω differential
trace impedance).
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
Slew rate
Trf
TA = TCOM or TIND; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDAOP
VDDR @100MHz
2.5
5
mA
1
IDDDOP
VDDIG, All outputs @100MHz
4.6
7
mA
1
IDDIOOP
VDD1.8+VDDIO, All outputs @100MHz
27
32
mA
1
IDDPD
VDDR, CKPWRGD_PD# = 0
0.4
0.7
mA
1, 2
IDDDZ
VDDDIG, CKPWRGD_PD# = 0
0.4
0.8
mA
1, 2
IDDIODZ
VDD1.8+VDDIO, CKPWRGD_PD# = 0
0.0
0.1
mA
1, 2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.
Operating Supply Current
Powerdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com