Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASVM
Description  Low Cost-Compact QFN Plastic Packaging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVM Datasheet(HTML) 2 Page - Abracon Corporation

  ASVM Datasheet HTML 1Page - Abracon Corporation ASVM Datasheet HTML 2Page - Abracon Corporation ASVM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||||||| | | | | | | | |
ASFLM
ASVM
7.0x 5.0 x 0.85 mm
ASVM
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
PLASTIC PACKAGE PURE SILICON™ CLOCK OSCILLATOR
PROGRAMMED ORDERS (QUANTITY > 1,000PCS)
Pb RoHS/RoHS II Compliant
* For Quick turn-around programmable orders < 1000pcs:
Due to the immediate availability of stock and the qty of the
order, the parts may be delivered as BULK: Cut Tape, Loose
parts in Antistatic Bag or in Tube(s). The MOQ per the series
will still apply for Tube packaging.
ASVM -
MHz -
-
Un-Programmed Orders (Quantity < 1,000pcs)
Blank un-programmed oscillators and our low cost portable programmer are available for quick turn engineering requirements.
Please call ABRACON or visit MEMSpeed Pro site http://www.abracon.com/memspeedpro/memspeedpro.html for more
information.
ASVM - BLANK -
-
Frequency in MHz
e.g. 14.3181 MHz
(Maximum 4 digits
after decimal)
Supply Voltage
1: 3.3 ± 0.3V
2: 3.0 ± 0.3V
3: 2.5 ± 0.2V
4: 1.8 ± 0.15V
5: 2.8 ± 0.2V
Overall Freq. Stability
Blank: ±100ppm
R: ±25ppm
C: ±50ppm
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Packaging
Blank*: 50pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
Operating Temp.
Freq. Stability
EC: ± 50 ppm / -20°C to +70°C
ER: ± 25 ppm / -20°C to +70°C
LC: ± 50 ppm / -40°C to +85°C
LR: ± 25 ppm / -40°C to +85°C
Packaging
Blank: 50pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com