Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVM
Description  Low Cost-Compact QFN Plastic Packaging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVM Datasheet(HTML) 1 Page - Abracon Corporation

  ASVM Datasheet HTML 1Page - Abracon Corporation ASVM Datasheet HTML 2Page - Abracon Corporation ASVM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||| | | | | | | |
ASVM
APPLICATIONS:
FEATURES:
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Lower Cost Crystal Oscillator Replacement
• Computers and Peripherals
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
PLASTIC PACKAGE PURE SILICON™ CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
AVAILABLE NOW!
7.0x 5.0 x 0.85 mm
ASVM
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
5
1
-
-
-
-
-
0
.
1
:
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature:
0
-----
+70
°C
See options
C
°
0
5
1
+
-
-
-
-
-
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability*:
-100
-----
+100
ppm
See options
s
n
o
it
p
o
e
e
S
V
3
.
3
+
~
8
.
1
+
:)
d
d
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
Supply Current
(no load):
1.0 to 39.9999MHz
-----
3
10
mA
No load
RL=∞
T=25°C
40.0 to 79.9999MHz
-----
4
10
80.0 to 124.9999MHz
-----
5
10
125.0 to 150MHz
-----
6
10
Output Voltage:
VOH
0.8*Vdd
-----
-----
V
15pF
VOL
-----
-----
0.2*Vdd
Rise Time:
Fall Time:
Tr
-----
1.3
2.0
ns
15pF; T=25°C
20%/80%*VDD
Tf
-----
1.3
2.0
k
0
1
/
x
a
m
F
p
5
1
:
d
a
o
L
t
u
p
t
u
O
Ω min.
pF
See options
d
d
V
2
/
1
@
%
5
5
-
-
-
-
-
5
4
:
y
rt
e
m
m
y
S
s
m
0
.
3
5
.
1
-
-
-
-
-
:
e
m
i
T
p
u
tr
a
t
S
s
n
0
0
1
0
2
-
-
-
-
-
:
e
m
i
T
e
l
b
a
s
i
D
Disable Stand-by Current:
-----
-----
1
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIH<0.25*Vdd) : Hi Z
V
z
H
M
0
0
1
=
F
s
p
-
-
-
-
-
5
9
-
-
-
-
-
:r
e
tt
ij
e
l
c
y
c
o
t
e
l
c
y
C
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
-
-
-
-
-
0
.
5
-
:
g
n
i
g
A
Absolute Maximum Ratings
• Pure Silicon Clock Oscillator
• MEMSTechnolog y by Discera
• Low Power Consumption <10mA
• Low Stand by Current <1uA
• Exceptional Stability Over Temp. at 40 to +85°C
• Available over Extended Temp Range
• Low Cost-Compact QFN Plastic Packaging
• Compact Package design
TM
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
-----
+150
°C
Soldering Temp.
-----
+260
°C
40sec max
ESD
HBM
MM
CDM
2,000
200
500
V
Pb RoHS/RoHS II Compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ASVM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMB ABRACON-ASVMB Datasheet
12Mb / 4P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.30.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMPA ABRACON-ASVMPA Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LJ-PD ABRACON-ASVMPAC-14.3181MHZ-LJ-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LR-PD ABRACON-ASVMPAC-14.3181MHZ-LR-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASVM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CMK04B06TH DELTA-CMK04B06TH Datasheet
76Kb / 1P
High performance, Low cost, Compact size
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
Compact, Low-Cost Global Embedded Modem
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
Compact and low cost, OEM model (C9409MA)
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
logo
Motorola, Inc
MRD750 MOTOROLA-MRD750 Datasheet
114Kb / 4P
POPULAR LOW COST PLASTIC PACKAGE
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
Low Cost & Compact
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
Low Cost Innovative Packaging
logo
Abracon Corporation
ASEMB ABRACON-ASEMB Datasheet
9Mb / 5P
Compact QFN Plastic Packaging
04.30.15
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com