Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT660
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT660 Datasheet HTML 1Page - Catalyst Semiconductor CAT660 Datasheet HTML 2Page - Catalyst Semiconductor CAT660 Datasheet HTML 3Page - Catalyst Semiconductor CAT660 Datasheet HTML 4Page - Catalyst Semiconductor CAT660 Datasheet HTML 5Page - Catalyst Semiconductor CAT660 Datasheet HTML 6Page - Catalyst Semiconductor CAT660 Datasheet HTML 7Page - Catalyst Semiconductor CAT660 Datasheet HTML 8Page - Catalyst Semiconductor CAT660 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
I Replaces MAX660 and LTC®660
I Converts V+ to V- or V+ to 2V+
I Low output resistance, 4
Ω typical
I High power efficiency
I Selectable charge pump frequency
- 10kHz or 80kHz
- Optimize capacitor size
DESCRIPTION
The CAT660 is a charge-pump voltage converter. It will
invert a 1.5V to 5.5V input to a -1.5V to -5.5V output. Only
two external capacitors are needed. With a guaranteed
100mA output current capability, the CAT660 can replace
a switching regulator and its inductor. Lower EMI is
achieved due to the absence of an inductor.
In addition, the CAT660 can double a voltage supplied
from a battery or power supply. Inputs from 2.5V to 5.5V
will yield a doubled, 5V to 11V output voltage.
A Frequency Control pin (BOOST/FC) is provided to
select either a high (80kHz) or low (10kHz) internal
oscillator frequency, thus allowing quiescent current vs.
capacitor size trade-offs to be made. The 80kHz
frequency is selected when the FC pin is connected to
CAT660
100mA CMOS Charge Pump Inverter/Doubler
I Low quiescent current
I Pin-compatible, high-current alternative to
7660/1044
I Industrial temperature range
I Available in 8-pin SOIC, DIP and 0.8mm thin 8-
pad TDFN packages
- Lead-free, halogen-free package option
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 5000, Rev. U
APPLICATIONS
I Negative voltage generator
I Voltage doubler
I Voltage splitter
Preliminary Information
I Low EMI power source
I GaAs FET biasing
I Lithium battery power supply
I Instrumentation
I LCD contrast bias
I Cellular phones, pagers
TYPICAL APPLICATION
V+. The operating frequency can also be adjusted with
an external capacitor at the OSC pin or by driving OSC
with an external clock.
Both 8-pin DIP and SOIC packages are available in the
industrial temperature range. The TDFN package has a
4x4mm footprint and features a 0.8mm maximum height.
Compared to the 8-pin SOIC the TDFN package footprint
is nearly 50% less. For die availability, contact Catalyst
Semiconductor marketing.
The CAT660 replaces the MAX660 and the LTC
660.
In addition, the CAT660 is pin compatible with the 7660/
1044, offering an easy upgrade for applications with
100mA loads.
ALO
GEN FR
TM
LEAD FREE
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT660
+VIN
1.5V to 5.5V
Inverted
Negative
Output
Voltage
+
VOLTAGE INVERTER
8
7
6
5
1
2
3
4
Doubled
Positive
Output
Voltage
+
VIN = 2.5V to 5.5V
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
POSITIVE
VOLTAGE DOUBLER
C1
C1
CAT660


Similar Part No. - CAT660

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660 ONSEMI-CAT660 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT660B ONSEMI-CAT660B Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
More results

Similar Description - CAT660

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com