Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT660
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT660 Datasheet HTML 8Page - Catalyst Semiconductor CAT660 Datasheet HTML 9Page - Catalyst Semiconductor CAT660 Datasheet HTML 10Page - Catalyst Semiconductor CAT660 Datasheet HTML 11Page - Catalyst Semiconductor CAT660 Datasheet HTML 12Page - Catalyst Semiconductor CAT660 Datasheet HTML 13Page - Catalyst Semiconductor CAT660 Datasheet HTML 14Page - Catalyst Semiconductor CAT660 Datasheet HTML 15Page - Catalyst Semiconductor CAT660 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT660
13
Doc. No. 5000, Rev. U
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
PACKAGE MECHANICAL DRAWINGS
8-LEAD 150 WIDE SOIC (S, X)
8-LEAD 300 MIL WIDE PLASTIC DIP (P)
Dimension D
Pkg
Min
Max
8L
0.1890(4.80)
0.1968(5.00)
Dimension D
Pkg
Min
Max
8L
0.355 (9.02)
0.400 (10.16)
0.149 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0.0099 (0.25)
0.0196 (0.50)
0.0075 (0.19)
0.0098 (0.25)
0.016 (0.40)
0.050 (1.27)
0˚-8˚
X 45
˚
D
0.180 (4.57) MAX
0.015 (0.38)
—
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
D
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com