Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660EVA Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT660EVA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660EVA Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT660EVA Datasheet HTML 1Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 2Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 3Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 4Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 5Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 6Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 7Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 8Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT660
5
Doc. No. 5000, Rev. U
TYPICAL OPERATING CHARACTERISTICS
Inverted Output Voltage vs. Load, V+ = 5V
4.0
4.2
4.4
4.6
4.8
5.0
0
2040
6080
100
LOAD CURRENT [mA]
Output Voltage Drop vs. Load Current
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080
100
LOAD CURRENT [mA]
V+ = 5V
V+ = 3V
Oscillator Frequency vs. Supply Voltage
0
2
4
6
8
10
12
14
16
18
20
23
45
6
SUPPLY VOLTAGE [V]
LV = OPEN
LV = GND
BOOST = OPEN
Oscillator Frequency vs. Supply Voltage
0
50
100
150
200
23
456
SUPPLY VOLTAGE [V]
BOOST = +V
LV = OPEN
LV = GND
Supply Current vs. Oscillator Frequency
10
100
1000
10000
1
10
100
1000
OSCILLATOR FREQUENCY [kHz]
No Load
V+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com