Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660EVA Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT660EVA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660EVA Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT660EVA Datasheet HTML 8Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 9Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 10Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 11Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 12Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 13Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 14Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 15Page - Catalyst Semiconductor CAT660EVA Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CAT660
14
Doc. No. 5000, Rev. U
8-PAD TDFN (RD8, ZD8)
NOTE:
1. ALL DIMENSIONS ARE IN mm.
ANGLES IN DEGREES.
2. COPLANARITY APPLIES TO THE
EXPOSED PAD AS WELL AS
THE TERMINALS.
COPLANARITY SHALL NOT
EXCEED 0.08mm.
3. WARPAGE SHALL NOT
EXCEED 0.10mm.
4. PACKAGE LENGTH/PACKAGE
WIDTH ARE CONSIDERED AS
SPECIAL CHARACTERISTIC. (S)
0.75+0.05
A
B
5
8
1
PIN 1
INDEX AREA
4.00+0.10
(S)
4
0.0-0.05
0.20 REF.
C
5
DAP SIZE 3.5 X 2.4
8
0.10 MAX TYP.
0.15
0.15
0.20
0.80 TYP. (6x)
2.40 REF. (2x)
0.30+0.05 (8x)
0.50+0.10 (8x)
0.20
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com