Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5089 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5089
Description  TP5089 DTMF (TOUCH-TONE) Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5089 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP5089 Datasheet HTML 1Page - National Semiconductor (TI) TP5089 Datasheet HTML 2Page - National Semiconductor (TI) TP5089 Datasheet HTML 3Page - National Semiconductor (TI) TP5089 Datasheet HTML 4Page - National Semiconductor (TI) TP5089 Datasheet HTML 5Page - National Semiconductor (TI) TP5089 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Functional Description (Continued)
TABLE I Output Frequency Accuracy
Tone
Valid
Standard
Tone Output
% Deviation
Group
Input
DTMF (Hz)
Frequency
from Standard
Low
R1
697
6948
b
032
Group
R2
770
7701
a
002
fL
R3
852
8524
a
003
R4
941
9400
b
011
High
C1
1209
12060
b
024
Group
C2
1336
13317
b
032
fH
C3
1477
14865
a
064
C4
1633
16390
a
037
TABLE II Functional Truth Table
SINGLE TONE
TONE
ROW
COLUMN
TONE OUT
MUTE
INHIBIT
DISABLE
Low
High
X
O
OC
OC
0V
0V
OC
X
X
OC
OC
0V
0V
OC
X
0
One
One
VOS
VOS
O
X
1
One
One
fL
fH
O
1
1
2 or More
One
fH
O
1
1
One
2 or More
fL
O
1
1
2 or More
2 or More
VOS
VOS
O
0
1
2 or More
One
VOS
VOS
O
0
1
One
2 or More
VOS
VOS
O
0
1
2 or More
2 or More
VOS
VOS
O
Note 1
X is don’t care state
Note 2
VOS is the output offset voltage
TLH5057 – 3
Adjust RE for desired tone amplitude
FIGURE 2 Typical Application
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com