Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5089 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5089
Description  TP5089 DTMF (TOUCH-TONE) Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5089 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP5089 Datasheet HTML 1Page - National Semiconductor (TI) TP5089 Datasheet HTML 2Page - National Semiconductor (TI) TP5089 Datasheet HTML 3Page - National Semiconductor (TI) TP5089 Datasheet HTML 4Page - National Semiconductor (TI) TP5089 Datasheet HTML 5Page - National Semiconductor (TI) TP5089 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5057
December 1991
TP5089 DTMF (TOUCH-TONE) Generator
General Description
The TP5089 is a low threshold voltage field-implanted met-
al gate CMOS integrated circuit It interfaces directly to a
standard telephone keypad and generates all dual tone mul-
ti-frequency pairs required in tone-dialing systems The tone
synthesizers are locked to an on-chip reference oscillator
using an inexpensive 3579545 MHz crystal for high tone
accuracy The crystal and an output load resistor are the
only external components required for tone generation A
MUTE OUT logic signal which changes state when any key
is depressed is also provided
Features
Y
35V – 10V operation when generating tones
Y
2V operation of keyscan and MUTE logic
Y
Static sensing of key closures or logic inputs
Y
On-chip 3579545 MHz crystal-controlled oscillator
Y
Output amplitudes proportional to supply voltage
Y
High group pre-emphasis
Y
Low harmonic distortion
Y
Open emitter-follower low-impedance output
Y
SINGLE TONE INHIBIT pin
Block Diagram
TLH5057 – 1
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - TP5089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP508 ETC1-TP508 Datasheet
211Kb / 2P
10 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS
logo
National Semiconductor ...
TP5088 NSC-TP5088 Datasheet
132Kb / 6P
TP5088 DTMF Generator for Binary Data
TP5088N NSC-TP5088N Datasheet
132Kb / 6P
TP5088 DTMF Generator for Binary Data
TP5088WM NSC-TP5088WM Datasheet
132Kb / 6P
TP5088 DTMF Generator for Binary Data
More results

Similar Description - TP5089

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7365N SANYO-LC7365N Datasheet
162Kb / 7P
DTMF Tone Generator for Pushbutton Telephone
LC7365NM SANYO-LC7365NM Datasheet
165Kb / 7P
DTMF Tone Generator for Pushbutton Telephone?
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
DTMF GENERATOR
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
DTMF Generator
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
DTMF Tone Dialer LSI
logo
National Semiconductor ...
TP53130 NSC-TP53130 Datasheet
313Kb / 5P
DTMF (TOUCH TONE) GENERATOR WITH BINARY DATA AND KEYPAD INTERFACE
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
DTMF GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com