Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLMA002 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 3 Page - Texas Instruments

  SLMA002 Datasheet HTML 1Page - Texas Instruments SLMA002 Datasheet HTML 2Page - Texas Instruments SLMA002 Datasheet HTML 3Page - Texas Instruments SLMA002 Datasheet HTML 4Page - Texas Instruments SLMA002 Datasheet HTML 5Page - Texas Instruments SLMA002 Datasheet HTML 6Page - Texas Instruments SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
–40
°C ≤ T
J ≤ +125°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (PVDD)
VPVDD1
Input voltage range
4.5
28
V
VPVDD2
IDDSDN
Shutdown
VEN1 = VEN2 = VPVDD2
70
150
µA
IDDQ
Quiescent, non-switching
VFB = 0.9V, Outputs off
1.8
3.0
mA
SW node unloaded; Measured as BP sink
IDDSW
Quiescent, while-switching
5
current
VUVLO
Minimum turn-on voltage
PVDD2 only
3.8
4.1
4.4
V
VUVLO(hys)
Hysteresis
400
mV
CBP = 10 µF, EN1 and EN2 go low
tSTART
(1) (2)
Time from startup to softstart begin
2
ms
simultaneously
ENABLE (EN)
VEN1
Enable threshold
0.9
1.2
1.5
V
VEN2
Hysteresis
50
mV
IEN1
Enable pull-up current
VEN1 = VEN2 = 0 V
6
12
µA
IEN2
tEN
(1)
Time from enable to soft-start begin
Other EN pin = GND
10
µs
BP REGULATOR (BP)
BP
Regulator voltage
8 V < PVDD2 < 28 V
5
5.25
5.6
V
PVDD2 = 4.5 V; switching, no external load on
BPLDO
Dropout voltage
400
mV
BP
IBP
(1)
Regulator external load
2
mA
IBPS
Regulator short circuit
4.5 V < PVDD2 < 28 V
10
20
30
OSCILLATOR
TPS54283
255
310
375
fSW
Switching frequency
kHz
TPS54286
510
630
750
tDEAD
(1)
Clock dead time
140
ns
ERROR AMPLIFIER (EA) and VOLTAGE REFERENCE (REF)
VFB1
0
°C < T
J < +85°C
788
800
812
Feedback input voltage
mV
VFB2
–40
°C < T
J < +125°C
786
812
IFB1
Feedback input bias current
3
50
nA
IFB2
gM1
(1)
Transconductance
30
µS
gM2
(1)
SOFT START (SS)
TSS1
Soft start time
1.5
2.1
2.7
ms
TSS2
OVERCURRENT PROTECTION
ICL1
Current limit channel 1
2.4
3.0
3.6
VILIM2 = VBP
1.15
1.50
1.75
A
ICL2
Current limit channel 2
VILIM2 = (floating)
2.4
3.0
3.6
VILIM2 = GND
1.15
1.50
1.75
VUV1
Low-level output threshold to declare a fault
Measured at feedback pin.
670
mV
VUV2
THICCUP
(1)
Hiccup timeout
10
ms
tON1(oc)
(1)
Minimum overcurrent pulse width
90
150
ns
tON2(oc)
(1)
(1)
Ensured by design. Not production tested.
(2)
When both outputs are started simultaneously, a 20-mA current source charges the BP capacitor. Faster times are possible with a lower
BP capacitor value. More information can be found in the Input UVLO and Startup section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com