Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLMA002 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 5 Page - Texas Instruments

  SLMA002 Datasheet HTML 1Page - Texas Instruments SLMA002 Datasheet HTML 2Page - Texas Instruments SLMA002 Datasheet HTML 3Page - Texas Instruments SLMA002 Datasheet HTML 4Page - Texas Instruments SLMA002 Datasheet HTML 5Page - Texas Instruments SLMA002 Datasheet HTML 6Page - Texas Instruments SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-50
-25
0
25
50
75
100
125
1.6
1.7
1.9
1.5
2.0
2.1
1.8
T
JunctionTemperature
C
°
J -
-
V
5.25V
BP
=
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
140
T
JunctionTemperature
C
°
J -
-
V
PVDDx
12V
=
V
PVDDx
4.5V
=
V
28V
PVDDx
=
3.6
3.7
3.8
3.9
4.1
4.2
4.0
UVLO(Off)
UVLO(On)
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
1.15
1.17
1.21
1.23
1.19
1.25
-50
-25
0
25
50
75
100
125
EN(Off)
EN(On)
T
JunctionTemperature
C
°
J -
-
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
QUIESCENT CURRENT (NON-SWITCHING)
SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
UNDERVOLTAGE LOCKOUT THRESHOLD
ENABLE THRESHOLDS
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com