Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC373M Datasheet(PDF) 3 Page - Texas Instruments

Part # HC373M
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC373M Datasheet(HTML) 3 Page - Texas Instruments

  HC373M Datasheet HTML 1Page - Texas Instruments HC373M Datasheet HTML 2Page - Texas Instruments HC373M Datasheet HTML 3Page - Texas Instruments HC373M Datasheet HTML 4Page - Texas Instruments HC373M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD54HC373, CD74HC373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS452A – FEBRUARY 2001 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 6 V
4.2
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 6 V
1.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
500
ns
VCC = 6 V
400
TA
Operating free-air temperature
–55
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.9
5.9
V
IOH = –6 mA
4.5 V
3.98
3.7
3.84
IOH = –7.8 mA
6 V
5.48
5.2
5.34
2 V
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.1
0.1
0.1
V
IOL = 6 mA
4.5 V
0.26
0.4
0.33
IOL = 7.8 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±1
±1
µA
IOZ
VO = VCC or 0
6 V
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
10
10
10
pF
Co
20
20
20
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com