Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC373M Datasheet(PDF) 4 Page - Texas Instruments

Part # HC373M
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC373M Datasheet(HTML) 4 Page - Texas Instruments

  HC373M Datasheet HTML 1Page - Texas Instruments HC373M Datasheet HTML 2Page - Texas Instruments HC373M Datasheet HTML 3Page - Texas Instruments HC373M Datasheet HTML 4Page - Texas Instruments HC373M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CD54HC373, CD74HC373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS452A – FEBRUARY 2001 – REVISED APRIL 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
80
120
100
tw
Pulse duration, LE high
4.5 V
16
24
20
ns
6 V
14
20
17
↓
2 V
50
75
65
tsu
Setup time, data before LE
↓
4.5 V
10
15
13
ns
6 V
9
13
11
↓
2 V
5
5
5
th
Hold time, data after LE
↓
4.5 V
5
5
5
ns
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
150
225
190
D
Q
CL = 50 pF
4.5 V
30
45
38
t d
6 V
26
38
33
ns
tpd
2 V
175
265
220
ns
LE
Q
CL = 50 pF
4.5 V
35
53
44
6 V
30
45
37
2 V
150
225
190
ten
OE
Q
CL = 50 pF
4.5 V
30
45
38
ns
6 V
26
38
33
2 V
150
225
190
tdis
OE
Q
CL = 50 pF
4.5 V
30
45
38
ns
6 V
26
38
33
2 V
60
90
75
tt
Q
CL = 50 pF
4.5 V
12
18
15
ns
6 V
10
15
13
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
51
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com