Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 932SQL456AGILFT
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  932SQL456AGILFT Datasheet HTML 1Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 2Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 3Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 4Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 5Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 6Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 7Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 8Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
2
REVISION B 09/29/15
932SQL456 DATASHEET
64TSSOP Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
2
GND14
PWR Ground pin for 14MHz output and logic.
3
AVDD14
PWR Analog power pin for 14MHz PLL
4
VDD14
PWR Power pin for 14MHz output and logic
5
vREF14_2x/TEST_SELLV
I/O
14.318 MHz reference clock capable of driving 2 loads/ TEST_SEL latched input to enable test
mode. The TEST_SEL input is a low threshold input. See the Electrical Tables and the Test
Clarification Table. This pin has a weak (~120Kohm) internal pull down.
6
GND14
PWR Ground pin for 14MHz output and logic.
7
GNDXTAL
PWR Ground pin for Crystal Oscillator.
8
X1_25
IN
Crystal input, Nominally 25.00MHz.
9
X2_25
OUT Crystal output, Nominally 25.00MHz.
10
VDDXTAL
PWR 3.3V power for the crystal oscillator.
11
GNDPCI
PWR Ground pin for PCI outputs and logic.
12
VDDPCI
PWR 3.3V power for the PCI outputs and logic
13
PCI4_2x
OUT 3.3V PCI clock output
14
PCI3_2x
OUT 3.3V PCI clock output
15
PCI2_2x
OUT 3.3V PCI clock output
16
PCI1_2x
OUT 3.3V PCI clock output
17
PCI0_2x
OUT 3.3V PCI clock output
18
GNDPCI
PWR Ground pin for PCI outputs and logic.
19
VDDPCI
PWR 3.3V power for the PCI outputs and logic
20
VDD48
PWR 3.3V power for the 48MHz output and logic
21
48M_2x
OUT 3.3V 48MHz output
22
GND48
PWR Ground pin for 48MHz output and logic.
23
GND96
PWR Ground pin for DOT96 output and logic.
24
DOT96_Z85T
OUT
True clock of low-power push-pull differential 96MHz output. Internally terminated to drive 85ohm
transmission lines with no external components.
25
DOT96_Z85C
OUT
Complementary clock of low-power push-pull differential 96MHz output. Internally terminated to
drive 85ohm transmission lines with no external components.
26
AVDD96
PWR 3.3V power for the 48/96MHz PLL and the 96MHz output and logic
27
TEST_MODE
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test
mode. Refer to Test Clarification Table.
28
CKPWRGD#/PD
IN
CKPWRGD# is an active low input used to sample latched inputs and allow the device to Power
Up. PD is an asynchronous active high input pin used to put the device into a low power state.
The internal clocks and PLLs are stopped.
29
VDDSRC
PWR 3.3V power for the SRC outputs and logic
30
SRC0_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
31
SRC0_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
32
GNDSRC
PWR Ground pin for SRC outputs and logic.
33
SRC1_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
34
SRC1_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
35
SRC2_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
36
SRC2_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
37
VDDSRC
PWR 3.3V power for the SRC outputs and logic
38
AVDD_SRC
PWR 3.3V power for the SRC PLL analog circuits
39
GNDSRC
PWR Ground pin for SRC outputs and logic.
40
NC
N/A
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com